Electronic Components Datasheet Search
  English  ▼

X  

RT8841 Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT8841
Description  4/3/2/1-Phase PWM Controller for High-Density Power Supply
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8841 Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT8841 Datasheet HTML 24Page - Richtek Technology Corporation RT8841 Datasheet HTML 25Page - Richtek Technology Corporation RT8841 Datasheet HTML 26Page - Richtek Technology Corporation RT8841 Datasheet HTML 27Page - Richtek Technology Corporation RT8841 Datasheet HTML 28Page - Richtek Technology Corporation RT8841 Datasheet HTML 29Page - Richtek Technology Corporation RT8841 Datasheet HTML 30Page - Richtek Technology Corporation RT8841 Datasheet HTML 31Page - Richtek Technology Corporation RT8841 Datasheet HTML 32Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
RT8841
32
DS8841-01 April 2011
www.richtek.com
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.180
0.300
0.007
0.012
D
5.950
6.050
0.234
0.238
D2
4.000
4.750
0.157
0.187
E
5.950
6.050
0.234
0.238
E2
4.000
4.750
0.157
0.187
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 40L QFN 6x6 Package
D
E
D2
E2
L
b
A
A1
A3
e
1
SEE DETAIL A
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com