Electronic Components Datasheet Search
  English  ▼

X  

RT8841 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT8841
Description  4/3/2/1-Phase PWM Controller for High-Density Power Supply
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8841 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT8841 Datasheet HTML 24Page - Richtek Technology Corporation RT8841 Datasheet HTML 25Page - Richtek Technology Corporation RT8841 Datasheet HTML 26Page - Richtek Technology Corporation RT8841 Datasheet HTML 27Page - Richtek Technology Corporation RT8841 Datasheet HTML 28Page - Richtek Technology Corporation RT8841 Datasheet HTML 29Page - Richtek Technology Corporation RT8841 Datasheet HTML 30Page - Richtek Technology Corporation RT8841 Datasheet HTML 31Page - Richtek Technology Corporation RT8841 Datasheet HTML 32Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
RT8841
28
DS8841-01 April 2011
www.richtek.com
If the initial current distribution is constant ratio type,
according to Equation(8), reduce RCSN[1] can reduce IL[1]
and improve current balance. If the initial current distribution
is constant difference type, according to Equation(7),
increase RCSP[1] can reduce IL[1] and improve current
balance.
+
-
CMP
ADJ
IMAX
VCC5
R1
R2
OCP
Figure 11. Over Current Protection
In Figure 11, VIMAX is equal to 5V x R2/(R1 + R2). In
RT8841, VADJ is proportional to IOUT and is thermally
compensated. Once VADJ is larger than VIMAX, OCP is
triggered and latched. RT8841 will turn off both high side
MOSFET and low side MOSFET of all channels. A 20uS
delay is used in OCP detection circuit to prevent false
trigger.
Over Voltage Protectiom (OVP)
The over voltage protection monitors the output voltage
via the FB pin. Once VFB exceeds “VEAP + 150mV”, OVP
is triggered and latched. RT8841 will try to turn on low
side MOSFET and turn off high side MOSFET to protect
CPU. A 20
μs delay is used in OVP detection circuit to
prevent false trigger.
+
-
+
-
+
-
+
-
COMP
IERR[1] x RCB
IERR[n] x RCB
Interleaved
RAMP[1]
RAMP[n]
CMP
CMP
BUF
BUF
PWM[1]
PWM[n]
Figure 9. Circuit for Channel Current Balance
In Figure 8, IX[n] is the current signal which is proportional
to current flowing through channel n. In Figure 9, the
current error signals IERR[n] (= IX[n]
− AVG(IX[n])) are used
to raise or lower the internal sawtooth waveforms
(RAMP[1] to RAMP[n]) which are compared with ErrorAmp
output (COMP) to generate PWM signal. The raised
sawtooth waveform will decrease the PWM duty of the
corresponding channel while the lowered will increase.
Eventually, current flowing through each channel will be
balanced.
Channel Current Adjust
If channel current is not balanced due to asymmetric PCB
layout of power stage, external resistors can be adjusted
to correct current imbalance. Figure 10 shows two types
of current imbalance, constant ratio type and constant
difference type.
Constant ratio
IOUT, total
I1
I2
Constant difference
IOUT, total
I1
I2
Figure 10. Channel Current vs. Total Current
Current Balance
Over Current Protection (OCP)
Loop Compensation
The RT8841 is a synchronous Buck converter with two
control loops : voltage loop and current balance loop. Since
the function of the current balance loop is to maintain the
current balance between each active channel, its influence
to converter stability will be negligible compared with the
voltage feedback loop. Therefore, to compensate the
voltage loop will be the main task to maintain converter
stability.
The converter duty-to-output transfer function Gd is :
2
2
OUT
d
V
D
G
SS
1
L
1
R
C
LC
=
++
⎛⎞
⎜⎟
⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com