Electronic Components Datasheet Search
  English  ▼

X  

LCX005 Datasheet(PDF) 17 Page - Sony Corporation

Part # LCX005
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005 Datasheet(HTML) 17 Page - Sony Corporation

Back Button LCX005 Datasheet HTML 13Page - Sony Corporation LCX005 Datasheet HTML 14Page - Sony Corporation LCX005 Datasheet HTML 15Page - Sony Corporation LCX005 Datasheet HTML 16Page - Sony Corporation LCX005 Datasheet HTML 17Page - Sony Corporation LCX005 Datasheet HTML 18Page - Sony Corporation LCX005 Datasheet HTML 19Page - Sony Corporation LCX005 Datasheet HTML 20Page - Sony Corporation LCX005 Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
– 17 –
LCX005BKB
3. RGB Simultaneous Sampling
Horizontal driver samples R, G and B signal simultaneously, which requires the phase matching between R,
G and B signals to prevent horizontal resolution from deteriorating. Thus phase matching between each
signal is required using an external signal delaying circuit before applying video signal to the LCD panel.
Two methods are applied for the delaying procedure: Sample and hold and Delay circuit. These two block
diagrams are as follows.
The LCX005BKB has the right/left inverse function. The following phase relationship diagram indicates the
phase setting for the right scan (RGT = High level). For the left scan (RGT = Low level), the phase setting
shall be inverted between B and G signals.
(1) Sample and hold (right scan)
<Phase relationship of delaying sample-and-hold pulses> (right scan)
S/H
S/H
AC Amp
S/H
AC Amp
S/H
AC Amp
S/H
(2) Delay circuit (right scan)
Delay
Delay
AC Amp
Delay
AC Amp
AC Amp
4
3
B
R
G
BLUE
RED
GREEN
CKB
CKR
CKG
CKG
CKG
HCKn
CKB
CKR
CKG
BLUE
RED
GREEN
B
R
G
2
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com