Electronic Components Datasheet Search
  English  ▼

X  

LCX005 Datasheet(PDF) 8 Page - Sony Corporation

Part # LCX005
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005 Datasheet(HTML) 8 Page - Sony Corporation

Back Button LCX005 Datasheet HTML 4Page - Sony Corporation LCX005 Datasheet HTML 5Page - Sony Corporation LCX005 Datasheet HTML 6Page - Sony Corporation LCX005 Datasheet HTML 7Page - Sony Corporation LCX005 Datasheet HTML 8Page - Sony Corporation LCX005 Datasheet HTML 9Page - Sony Corporation LCX005 Datasheet HTML 10Page - Sony Corporation LCX005 Datasheet HTML 11Page - Sony Corporation LCX005 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
– 8 –
LCX005BKB
∗3 Definitions:
The right-pointing arrow (
) means +.
The left-pointing arrow (
) means –.
The black dot at an arrow (
) indicates the start of measurement.
<Vertical Shift Register Driving Waveform>
Vst rise time
VST
VCK
EN
Vst fall time
Vst data set-up time
Vst data hold time
Vckn∗2 rise time
Vckn∗2 fall time
Vck1 fall to Vck2 rise
time
Vck1 rise to Vck2 fall
time
En rise time
En fall time
Vck1 rise to En rise
time
Vck2 rise to En fall
time
O VCKn∗2
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
O VCKn∗2
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
O VCKn∗2
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
tdVst = 32µs
thVst = –32µs
O tdVst = 32µs
thVst = –32µs
O VCKn∗2
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
O VCKn∗2
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
trVst
tfVst
tdVst
thVst
trVckn
tfVckn
to1Vck
to2Vck
trEn
tfEn
tdVck1
tdVck2
Item
Symbol
Waveform
Conditions
90%
10%
10%
90%
VST
trVst
tfVst
50%
50%
∗
3
VST
VCK1
tdVst
thVst
50%
50%
VCKn
10%
10%
90%
90%
trVckn
tfVckn
50%
50%
∗
3
VCK1
to2Vck
to1Vck
50%
50%
VCK2
90%
90%
10%
10%
tfEn
trEn
EN
50%
∗
3
VCK1
tdVck2
tdVck1
50%
50%
EN
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com