Electronic Components Datasheet Search
  English  ▼

X  

LCX005 Datasheet(PDF) 22 Page - Sony Corporation

Part # LCX005
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005 Datasheet(HTML) 22 Page - Sony Corporation

Back Button LCX005 Datasheet HTML 14Page - Sony Corporation LCX005 Datasheet HTML 15Page - Sony Corporation LCX005 Datasheet HTML 16Page - Sony Corporation LCX005 Datasheet HTML 17Page - Sony Corporation LCX005 Datasheet HTML 18Page - Sony Corporation LCX005 Datasheet HTML 19Page - Sony Corporation LCX005 Datasheet HTML 20Page - Sony Corporation LCX005 Datasheet HTML 21Page - Sony Corporation LCX005 Datasheet HTML 22Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
– 22 –
LCX005BKB
Package Outline
Unit: mm
PIN 1
PIN 16
0.5 ± 0.1
P 0.5 ± 0.02
× 15 = 7.5 ± 0.03
18.0 ± 0.15
9.0 ± 0.25
(11.2)
2.7 ± 0.15
1.2 ± 0.3
14.0 ± 0.3
8.5 ± 0.05
electrode (enlarged)
Active
Area
Thickness of the connector 0.3 ± 0.05
Incident
light
Description
Molding material
Outside frame
Reinforcing board
Reinforcing material
Polarizing film
F P C
No
1
2
3
4
5
6
weight 1.4g
Active
Area
1
2
3
4
5
6
6
0.35
+ 0.04
– 0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com