Electronic Components Datasheet Search
  English  ▼

X  

LCX005 Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX005
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005 Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX005 Datasheet HTML 5Page - Sony Corporation LCX005 Datasheet HTML 6Page - Sony Corporation LCX005 Datasheet HTML 7Page - Sony Corporation LCX005 Datasheet HTML 8Page - Sony Corporation LCX005 Datasheet HTML 9Page - Sony Corporation LCX005 Datasheet HTML 10Page - Sony Corporation LCX005 Datasheet HTML 11Page - Sony Corporation LCX005 Datasheet HTML 12Page - Sony Corporation LCX005 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
– 9 –
LCX005BKB
Electrical Characteristics
1. Horizontal drivers
(Ta = 25°C, VDD = 13.5V, Input voltage = 5.0V)
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
Video signal input pin capacitance
CHckn
CHst
IHck1
IHck2
IHst
IRgt
Csig
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
–200
–500
–300
–100
5
5
–60
–260
–100
–15
30
10
10
45
pF
pF
µA
µA
µA
µA
pF
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance
VCKn
VST
Input pin current
VCK1
VCK2
VST
EN
CLR
CVckn
CVst
IVck1
IVck2
IVst
IEn
IClr
–100
–400
–100
5
5
–30
–200
–15
10
10
pF
pF
µA
µA
µA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
Item
Total power consumption of
the panel (NTSC)
PWR
35
55
mW
Symbol
Min.
Typ.
Max.
Unit
4. VCOM input resistance
Item
VCOM - Vss input resistance
Rcom
0.5
1
M
Ω
Symbol
Min.
Typ.
Max.
Unit
VCK1 = GND
VCK2 = GND
VST, EN, CLR = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com