Electronic Components Datasheet Search
  English  ▼

X  

LCX005 Datasheet(PDF) 6 Page - Sony Corporation

Part # LCX005
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005 Datasheet(HTML) 6 Page - Sony Corporation

Back Button LCX005 Datasheet HTML 2Page - Sony Corporation LCX005 Datasheet HTML 3Page - Sony Corporation LCX005 Datasheet HTML 4Page - Sony Corporation LCX005 Datasheet HTML 5Page - Sony Corporation LCX005 Datasheet HTML 6Page - Sony Corporation LCX005 Datasheet HTML 7Page - Sony Corporation LCX005 Datasheet HTML 8Page - Sony Corporation LCX005 Datasheet HTML 9Page - Sony Corporation LCX005 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
– 6 –
LCX005BKB
Input Signals
1. Input signal voltage conditions (VSS = 0V)
Item
H driver input voltage
(HST, HCK1, HCK2, RGT)
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
VCOM
–0.35
2.8
–0.35
2.8
5.8
VVC–4.5
VVC–0.55
0.0
5.0
0.0
5.0
6.0
VVC –0.40
+0.35
5.5
+0.35
5.5
6.2
VVC +4.5
VVC –0.25
V
V
V
V
V
V
V
V driver input voltage
(VST, VCK1, VCK2, CLR, EN)
Video signal center voltage
Video signal input range∗1
Common voltage of panel
Symbol
Min.
Typ.
Max.
Unit
∗1 Video input signal shall be symmetrical to VVC.
2. Clock timing conditions (Ta = 25°C, Input voltage = 5.0V)
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn∗2 rise time
Hckn∗2 fall time
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Clr rise time
Clr fall time
Clr pulse width
Clr fall to Hst rise time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vckn∗2 rise time
Vckn∗2 fall time
Vck1 fall to Vck2 rise time
Vck1 rise to Vck2 fall time
En rise time
En fall time
Vck2 rise to En fall time
Vck1 rise to En rise time
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trClr
tfClr
twClr
toHst
trVst
tfVst
tdVst
thVst
trVckn
tfVckn
to1Vck
to2Vck
trEn
tfEn
tdVck2
tdVck1
–170
–455
–15
–15
3400
1100
–50
–50
–100
–100
–100
–100
135
–135
0
0
3500
1200
32
–32
0
0
0
0
30
30
170
–50
30
30
15
15
100
100
3600
1300
100
100
50
–20
100
100
100
100
100
100
100
100
ns
µs
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
CLR
VST
VCK
EN
∗2 Hckn and Vckn mean Hck1, Hck2 and Vck1, Vck2. (fHckn = 1.84MHz, fVckn = 7.865kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com