Electronic Components Datasheet Search
  English  ▼

X  

RT9385 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9385
Description  5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9385 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9385 Datasheet HTML 1Page - Richtek Technology Corporation RT9385 Datasheet HTML 2Page - Richtek Technology Corporation RT9385 Datasheet HTML 3Page - Richtek Technology Corporation RT9385 Datasheet HTML 4Page - Richtek Technology Corporation RT9385 Datasheet HTML 5Page - Richtek Technology Corporation RT9385 Datasheet HTML 6Page - Richtek Technology Corporation RT9385 Datasheet HTML 7Page - Richtek Technology Corporation RT9385 Datasheet HTML 8Page - Richtek Technology Corporation RT9385 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9385
4
DS9385-01 April 2011
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------
−0.3V to 5V
Power Dissipation, PD @ TA = 25
°C
WQFN-16L 2x3 ------------------------------------------------------------------------------------------------------------ 1.111W
Package Thermal Resistance (Note 2)
WQFN-16L 2x3,
θJA ------------------------------------------------------------------------------------------------------- 90°C/W
WQFN-16L 2x3,
θJC ------------------------------------------------------------------------------------------------------ 15°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, VF = 3.5V, CIN = COUT = 1uF, CFLY1 = CFLY2 = 1
μF, ILED1 to LED5 = 25mA, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Input Supply Voltage
VIN
2.8
--
4.5
V
Under-Voltage Lockout
Threshold
VUVLO
VIN Rising
1.8
2
2.5
V
Under-Voltage Lockout
Hysteresis
ΔVUVLO
--
100
--
mV
Quiescent Current
IQ
x1 Mode
--
1
2
mA
Shutdown Current
ISHDN
VIN = 4.5V
--
0.4
2
μA
LED Current
LED Current Accuracy
ILEDx
ILEDx = 25mA
−5
0
+5
%
Current Matching
ILEDx = 25mA
−2
0
+2
%
Charge Pump
Oscillator Frequency
fOSC
--
1000
--
kHz
PWM Dimming Frequency
1
--
200
kHz
Internal CF Resistance
--
160
--
k
Ω
Mode Decision
x1 Mode to x1.5 Mode
Transition Voltage (VIN Falling)
IOUT = 125mA, ILEDx = 25mA.
--
3.65
3.8
V
Mode Transition Hystersis
IOUT = 125mA, ILEDx = 25mA.
--
200
--
mV
Recommended Operating Conditions
(Note 4)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com