Electronic Components Datasheet Search
  English  ▼

X  

RT9385 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9385
Description  5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9385 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9385 Datasheet HTML 1Page - Richtek Technology Corporation RT9385 Datasheet HTML 2Page - Richtek Technology Corporation RT9385 Datasheet HTML 3Page - Richtek Technology Corporation RT9385 Datasheet HTML 4Page - Richtek Technology Corporation RT9385 Datasheet HTML 5Page - Richtek Technology Corporation RT9385 Datasheet HTML 6Page - Richtek Technology Corporation RT9385 Datasheet HTML 7Page - Richtek Technology Corporation RT9385 Datasheet HTML 8Page - Richtek Technology Corporation RT9385 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9385
2
DS9385-01 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
LED3
Current Sink for LED3. (If not in use, this pin should be connected to VIN)
2
LED4
Current Sink for LED4. (If not in use, this pin should be connected to VIN)
3
LED5
Current Sink for LED5. (If not in use, this pin should be connected to VIN)
4
VOUT
Charge Pump Output.
5
PGND
Ground.
6
C2N
Fly Capacitor 2 Negative Connection.
7
C1N
Fly Capacitor 1 Negative Connection.
8
C1P
Fly Capacitor 1 Positive Connection.
9
C2P
Fly Capacitor 2 Positive Connection.
10
EN
Chip Enable (Active High).
11, 14
VIN
Power Input.
12
CF
PWM Filter Capacitor Connection, No Connection if this pin is not in use.
13
AGND
Ground.
15
LED1
Current Sink for LED1. (If not in use, this pin should be connected to VIN)
16
LED2
Current Sink for LED2. (If not in use, this pin should connected to VIN)
17 (Exposed Pad) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Typical Application Circuit
C2N
LED4
PGND
COUT
VIN
C1P C1N C2P
RT9385
EN
VOUT
LED3
LED2
LED1
CFLY2
1µF
CFLY1
1µF
CIN
1µF
10
13
8
14,11
4
AGND
7
6
9
5
15
16
1
2
1µF
PWM Input
3
LED5
CCF
CF
12
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com