Electronic Components Datasheet Search
  English  ▼

X  

RT9385 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9385
Description  5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9385 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9385 Datasheet HTML 1Page - Richtek Technology Corporation RT9385 Datasheet HTML 2Page - Richtek Technology Corporation RT9385 Datasheet HTML 3Page - Richtek Technology Corporation RT9385 Datasheet HTML 4Page - Richtek Technology Corporation RT9385 Datasheet HTML 5Page - Richtek Technology Corporation RT9385 Datasheet HTML 6Page - Richtek Technology Corporation RT9385 Datasheet HTML 7Page - Richtek Technology Corporation RT9385 Datasheet HTML 8Page - Richtek Technology Corporation RT9385 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9385
3
DS9385-01 April 2011
www.richtek.com
Function Block Diagram
EN
LED2
LED5
LED3
LED4
1MHz
OSC
PWM Dimming
Controller
Soft Start
Circuit
Current Source
Shutdown Delay
VIN
VOUT
Gate Driver
UVLO
OVP
C1P
C2P C2N
C1N
Mode Decision
Current
Bias
PGND
AGND
LED1
CF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com