Electronic Components Datasheet Search
  English  ▼

X  

RT9385 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9385
Description  5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9385 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9385 Datasheet HTML 2Page - Richtek Technology Corporation RT9385 Datasheet HTML 3Page - Richtek Technology Corporation RT9385 Datasheet HTML 4Page - Richtek Technology Corporation RT9385 Datasheet HTML 5Page - Richtek Technology Corporation RT9385 Datasheet HTML 6Page - Richtek Technology Corporation RT9385 Datasheet HTML 7Page - Richtek Technology Corporation RT9385 Datasheet HTML 8Page - Richtek Technology Corporation RT9385 Datasheet HTML 9Page - Richtek Technology Corporation RT9385 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9385
7
DS9385-01 April 2011
www.richtek.com
VIN = 3.1V
Ripple & Spike
Time (1
μs/Div)
C2P
(5V/Div)
VOUT
(50mV/Div)
IIN
(200mA/Div)
VIN
(50mV/Div)
VIN = 3.7V, CCF = 56nF, Duty = 50%, f = 10kHz
PWM Dimming Operation
Time (250
μs/Div)
EN
(2V/Div)
ILED
(10mA/Div)
VIN = 3.1V
x2 Mode Inrush Current Response
Time (100
μs/Div)
C2P
(2V/Div)
VOUT
(1V/Div)
EN
(5V/Div)
IIN
(200mA/Div)
VIN = 3.15V
x1.5 Mode Inrush Current Response
Time (100
μs/Div)
C2P
(2V/Div)
VOUT
(1V/Div)
EN
(5V/Div)
IIN
(200mA/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com