Electronic Components Datasheet Search
  English  ▼

X  

RT9385 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9385
Description  5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9385 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9385 Datasheet HTML 1Page - Richtek Technology Corporation RT9385 Datasheet HTML 2Page - Richtek Technology Corporation RT9385 Datasheet HTML 3Page - Richtek Technology Corporation RT9385 Datasheet HTML 4Page - Richtek Technology Corporation RT9385 Datasheet HTML 5Page - Richtek Technology Corporation RT9385 Datasheet HTML 6Page - Richtek Technology Corporation RT9385 Datasheet HTML 7Page - Richtek Technology Corporation RT9385 Datasheet HTML 8Page - Richtek Technology Corporation RT9385 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9385
1
DS9385-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Pin Configurations
(TOP VIEW)
WQFN-16L 2x3
5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
General Description
The RT9385 is a 5 Channel WLED driver with auto mode
selection of x1, x1.5 and x2 mode with low dropout voltage
in current sources. The RT9385 can power up to 5 white
LEDs with regulated constant current for uniform intensity.
Each channel (LED1 to LED5) can support up to 25mA.
The part maintains highest efficiency by utilizing x1/x1.5/
x2 fractional charge pump and low dropout current
regulators. For the brightness control, user can easily use
a PWM signal generated from GPIO to control the
brightness of WLEDs.
The RT9385 is available in a WQFN-16L 2x3 package.
Small 1
μF capacitors can be used for fly capacitors. It
provides the best backlighting solution with high efficiency
and smallest board space for portable application.
Features
85% Average Efficiency Over Li-ion Battery
Discharge
Support Up to 5 White LEDs
Support Up to 25mA/Per Channel
PWM Brightness Control
60mV Current Source Dropout
1% LED Current Accuracy
0.7% LED Current Matching
Automatic x1/x1.5/x2 Charge Pump Mode
Transition
Low Input Noise and EMI
Over Voltage Protection
Power On/Mode Transition Inrush Protection
1MHz Switching Frequency
0.4
μμμμμA Low Shutdown Current
RoHS Compliant and Halogen Free
Applications
Camera Phone, Smart Phone
White LED Backlighting
LED3
AGND
VOUT
LED5
LED4
EN
VIN
CF
PGND
C2P
13
12
11
10
14
15
16
1
2
3
4
8
7
6
17
GND
9
5
RT9385
Package Type
QW : WQFN-16L 2x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9385

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
More results

Similar Description - RT9385

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
Charge Pump White LED Driver
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
SHANGHAI BELLING CO., L...
BL8587 BELLING-BL8587 Datasheet
283Kb / 8P
High Efficiency Charge Pump 4-Channels LED Driver
logo
Richtek Technology Corp...
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
3 Channels 90mA x1/x2 Charge Pump White LED Driver
RT9378 RICHTEK-RT9378 Datasheet
212Kb / 10P
4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
RT9379 RICHTEK-RT9379 Datasheet
182Kb / 9P
6 Channels 150mA x1/x1.5/x2 Charge Pump White LED Driver
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com