Electronic Components Datasheet Search
  English  ▼

X  

W24512AS Datasheet(PDF) 4 Page - Winbond

Part # W24512AS
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS Datasheet(HTML) 4 Page - Winbond

  W24512AS Datasheet HTML 1Page - Winbond W24512AS Datasheet HTML 2Page - Winbond W24512AS Datasheet HTML 3Page - Winbond W24512AS Datasheet HTML 4Page - Winbond W24512AS Datasheet HTML 5Page - Winbond W24512AS Datasheet HTML 6Page - Winbond W24512AS Datasheet HTML 7Page - Winbond W24512AS Datasheet HTML 8Page - Winbond W24512AS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W24512A
- 4 -
AC Characteristics,continued
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C)
Read Cycle
PARAMETER
SYM.
W24512A-25
UNIT
MIN.
MAX.
Read Cycle Time
TRC
25
-
nS
Address Access Time
TAA
-
25
nS
Chip Select Access Time
CS1
TACS1
-
25
nS
CS2
TACS2
-
25
nS
Output Enable to Output Valid
TAOE
-
12
nS
Chip Selection to Output in Low Z
CS1
TCLZ1*
3
-
nS
CS2
TCLZ2*
3
-
nS
Output Enable to Output in Low Z
TOLZ*
0
-
nS
Chip Deselection to Output in High Z
CS1
TCHZ1*
-
12
nS
CS2
TCHZ2*
-
12
nS
Output Disable to Output in High Z
TOHZ*
-
12
nS
Output Hold from Address Change
TOH
3
-
nS
* These parameters are sampled but not 100% tested.
Write Cycle
PARAMETER
SYM.
W24512A-25
UNIT
MIN.
MAX.
Write Cycle Time
TWC
25
-
nS
Chip Selection to End of Write
CS1
TCW1
18
-
nS
CS2
TCW2
18
-
nS
Address Valid to End of Write
TAW
18
-
nS
Address Setup Time
TAS
0
-
nS
Write Pulse Width
TWP
15
-
nS
Write Recovery Time
CS1, WE
TWR1
0
-
nS
CS2
TWR2
0
-
nS
Data Valid to End of Write
TDW
12
-
nS
Data Hold from End of Write
TDH
0
-
nS
Write to Output in High Z
TWHZ*
-
12
nS
Output Disable to Output in High Z
TOHZ*
-
12
nS
Output Active from End of Write
TOW
0
-
nS
* These parameters are sampled but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com