Electronic Components Datasheet Search
  English  ▼

X  

W24512AS Datasheet(PDF) 1 Page - Winbond

Part # W24512AS
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS Datasheet(HTML) 1 Page - Winbond

  W24512AS Datasheet HTML 1Page - Winbond W24512AS Datasheet HTML 2Page - Winbond W24512AS Datasheet HTML 3Page - Winbond W24512AS Datasheet HTML 4Page - Winbond W24512AS Datasheet HTML 5Page - Winbond W24512AS Datasheet HTML 6Page - Winbond W24512AS Datasheet HTML 7Page - Winbond W24512AS Datasheet HTML 8Page - Winbond W24512AS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
W24512A
64K
× 8 HIGH SPEED CMOS STATIC RAM
Publication Release Date: April 1997
- 1 -
Revision A3
GENERAL DESCRIPTION
The W24512A is a high speed, low power CMOS static RAM organized as 65536
× 8 bits that
operates on a single 5-volt power supply. This device is manufactured using Winbond's high
performance CMOS technology.
FEATURES
• High speed access time: 25 nS (max.)
• Low power consumption:
− Active: 800 mW (max.)
• Single +5V power supply
• Fully static operation
• All inputs and outputs directly TTL compatible
• Three-state outputs
• Available packages: 32-pin 300 mil SOJ, 450
mil SOP, and standard type one TSOP
(8 mm
× 20 mm)
PIN CONFIGURATIONS
V
A8
A9
WE
1
2
3
4
5
2 4
2 5
2 6
2 7
2 8
NC
A7
A6
A5
A12
A4
A3
A2
A1
6
7
8
9
2 0
2 1
2 2
2 3
A11
OE
A1 0
CS1
I/O 8
I/O 7
I/O 6
I/O 5
10
11
12
13
16
1 7
1 8
1 9
A0
I/O 2
I/O 3
I/O 1
14
15
I/O 4
A13
V
A14
NC
32
31
3 0
29
A15
CS2
DD
SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
V
CS2
WE
A13
A8
OE
A10
CS1
I/O7
I/O6
I/O5
I/O4
I/O3
DD
32-pin
TSOP
A11
A9
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A14
I/O8
NC
VSS
BLOCK DIAGRAM
A0
.
CS1
A15
WE
I/O1
I/O8
OE
V
V
.
.
DATA I/O
ARRAY
DECODER
CS2
.
CONTROL
DD
SS
CORE
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
−A15
Address Inputs
I/O1
−I/O8
Data Inputs/Outputs
CS1, CS2
Chip Select Inputs
WE
Write Enable Input
OE
Output Enable Input
VDD
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - W24512AS

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512AS-15 WINBOND-W24512AS-15 Datasheet
200Kb / 10P
64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AS-20 WINBOND-W24512AS-20 Datasheet
200Kb / 10P
64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AS-25 WINBOND-W24512AS-25 Datasheet
200Kb / 10P
64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AS-35 WINBOND-W24512AS-35 Datasheet
200Kb / 10P
64K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24512AS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com