Electronic Components Datasheet Search
  English  ▼

X  

W24512AS Datasheet(PDF) 8 Page - Winbond

Part # W24512AS
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS Datasheet(HTML) 8 Page - Winbond

Back Button W24512AS Datasheet HTML 2Page - Winbond W24512AS Datasheet HTML 3Page - Winbond W24512AS Datasheet HTML 4Page - Winbond W24512AS Datasheet HTML 5Page - Winbond W24512AS Datasheet HTML 6Page - Winbond W24512AS Datasheet HTML 7Page - Winbond W24512AS Datasheet HTML 8Page - Winbond W24512AS Datasheet HTML 9Page - Winbond W24512AS Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
W24512A
- 8 -
PACKAGE DIMENSIONS
32-pin SO Wide Body
1
17
32
16
y
e
D
S
Seating Plane
b
A
A
E H
L
L
E
E
1
c
e
1
1
e
A
2
See Detail F
Detail F
1. Dimension D Max. & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
3. Dimension D & E include mold mismatch
and are determined at the mold parting line.
.
Notes:
4. Controlling dimension: Inches.
5. General appearance spec should be based
on final visual inspection spec.
0.20
0.15
0.008
0.006
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
L E
1
2
E
0.012
0.31
0.118
3.00
0.004
0.101
0.014
0.106
0.016
0.111
0.020
2.57
0.36
0.10
2.69
0.41
2.82
0.51
0.047
0.004
0
10
0.805
0.055
0.817
0.063
1.19
20.45
1.40
20.75
1.60
0.556
0.556
0.546
14.38
14.12
13.87
10
0
0.10
11.43
11.30
11.18
0.450
0.445
0.440
0.58
0.79
0.99
0.023
0.031
0.039
1.12
1.27
1.42
0.044
0.050
0.056
S
0.91
0.036
θ
32-pin SOJ
D
H
B
b
e
e
1
16
17
32
E
Y
A
A
A
Seating Plane
c
L
S
θ
Symbol
Dimension in mm
Dimension in Inches
Min. Nom. Max.
Min. Nom. Max.
A
A
A
B
b
c
D
E
e
e
H
L
S
Y
0.140
0.020
0.095
0.100
0.105
0.032
0.028
0.026
0.022
0.018
0.016
0.014
0.010
0.008
0.835
0.825
0.305
0.300
0.295
0.056
0.050
0.044
0.287
0.267
0.247
0.345
0.335
0.325
0.080
0.045
0.004
0
10
0.815
3.556
0.508
2.413
2.540
2.667
0.813
0.711
0.660
0.559
0.457
0.406
0.356
0.254
0.203
21.209
20.955
7.747
7.620
7.493
1.422
1.270
1.118
7.290
6.782
6.274
8.763
8.509
8.255
2.032
1.143
0.102
0°
10°
20.701
θ
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
1
2
1
e
e
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com