Electronic Components Datasheet Search
  English  ▼

X  

W24512AS Datasheet(PDF) 3 Page - Winbond

Part # W24512AS
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS Datasheet(HTML) 3 Page - Winbond

  W24512AS Datasheet HTML 1Page - Winbond W24512AS Datasheet HTML 2Page - Winbond W24512AS Datasheet HTML 3Page - Winbond W24512AS Datasheet HTML 4Page - Winbond W24512AS Datasheet HTML 5Page - Winbond W24512AS Datasheet HTML 6Page - Winbond W24512AS Datasheet HTML 7Page - Winbond W24512AS Datasheet HTML 8Page - Winbond W24512AS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
W24512A
Publication Release Date: April 1997
- 3 -
Revision A3
CAPACITANCE
(VDD = 5V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
8
pF
Input/Output Capacitance
CI/O
VOUT = 0V
10
pF
Note: These parameters are sampled but not 100% tested.
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
5 nS
Input and Output Timing Reference Level
1.5V
Output Load
CL = 30 pF, IOH/IOL = -4 mA/8 mA
AC Test Loads and Waveform
90%
90%
5 nS
10%
5 nS
10%
R1 480 ohm
5V
OUTPUT
R2
255 ohm
30 pF
Including
Jig and
Scope
3.0V
0V
5V
OUTPUT
R1 480 ohm
5 pF
Including
Jig and
Scope
R2
255 ohm
(For TCLZ1, CLZ2, OLZ, CHZ1, CHZ2, OHZ, WHZ, OW
T
T
T
T
T
T
T
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com