Electronic Components Datasheet Search
  English  ▼

X  

W24512AS Datasheet(PDF) 2 Page - Winbond

Part # W24512AS
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS Datasheet(HTML) 2 Page - Winbond

  W24512AS Datasheet HTML 1Page - Winbond W24512AS Datasheet HTML 2Page - Winbond W24512AS Datasheet HTML 3Page - Winbond W24512AS Datasheet HTML 4Page - Winbond W24512AS Datasheet HTML 5Page - Winbond W24512AS Datasheet HTML 6Page - Winbond W24512AS Datasheet HTML 7Page - Winbond W24512AS Datasheet HTML 8Page - Winbond W24512AS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W24512A
- 2 -
TRUTH TABLE
CS1
CS2
OE
WE
MODE
I/O1
−I/O8
VDD CURRENT
H
X
X
X
Not Selected
High Z
ISB, ISB1
X
L
X
X
Not Selected
High Z
ISB, ISB1
L
H
H
H
Output Disable
High Z
IDD
L
H
L
H
Read
Data Out
IDD
L
H
X
L
Write
Data In
IDD
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to VSS Potential
-0.5 to +7.0
V
Input/Output to VSS Potential
-0.5 to VDD +0.5
V
Allowable Power Dissipation
1.0
W
Storage Temperature
-65 to +150
°C
Operating Temperature
0 to +70
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
Operating Characteristics
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Low Voltage
VIL
-
-0.5
-
+0.8
V
Input High Voltage
VIH
-
+2.2
-
VDD +0.5
V
Input Leakage Current
ILI
VIN = VSS to VDD
-10
-
+10
µA
Output Leakage
Current
ILO
VI/O = VSS to VDD
CS1 = VIH (min.) or
CS2 = VIL (max.) or
OE = VIH (min.) or
WE = VIL (max.)
-10
-
+10
µA
Output Low Voltage
VOL
IOL = +8.0 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA
2.4
-
-
V
Operating Power
Supply Current
IDD
CS1 = VIL (max.),
CS2 = VIH (min.)
I/O = 0mA, Cycle = min
Duty = 100%
-
-
160
mA
Standby Power
Supply Current
ISB
CS1 = VIH (min.) or
CS2 = VIL (max.)
Cycle = min, Duty = 100%
-
-
30
mA
ISB1
CS1
≥ VDD -0.2V or
CS2
≤ 0.2V
-
-
10
mA
Note: Typical characteristics are at VDD = 5V, TA = 25
° C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com