Electronic Components Datasheet Search
  English  ▼

X  

W6694CD Datasheet(PDF) 8 Page - Winbond

Part # W6694CD
Description  USB Bus ISDN S/T-Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6694CD Datasheet(HTML) 8 Page - Winbond

Back Button W6694CD Datasheet HTML 4Page - Winbond W6694CD Datasheet HTML 5Page - Winbond W6694CD Datasheet HTML 6Page - Winbond W6694CD Datasheet HTML 7Page - Winbond W6694CD Datasheet HTML 8Page - Winbond W6694CD Datasheet HTML 9Page - Winbond W6694CD Datasheet HTML 10Page - Winbond W6694CD Datasheet HTML 11Page - Winbond W6694CD Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Preliminary W6694
- 8 -
5. SYSTEM DIAGRAM AND APPLICATIONS
Typical applications include:
§
USB passive TA for data only service
§
USB passive TA with one data plus one voice
1
1
W6694 WITH USB & ISDN INTERFACE
W6694 DEMO BOARD-DATA ONLY
D:\..\W6694_DEMO\W6694_DEMO.DSN\W6694.SCH
15.20X12.00
Monday, May 29, 2000
Size
Document Number
Date:
Sheet
of
VDD
VDD
3.3V
3.3V
VDD
VDD
SX1
VDD
SX2
SR1
SR1A
SR2
SR2A
24MXI
24MXO
USBDP
USBDN
VDD
VDD
VDD
GND
VDD
GND
GND
VDD
EPDI
VDD
SR1
SR2
VDD
SX1
EPDO
EPSK
EPCS
24MXO
EPCS
VDD
EPDI
GND
EPSK
EPDO
768MXI
768MXO
24MXI
SX1A
SX1A
SR1A
SX2C
SR1C
SX2A
SX2A
SR2A
SR2C
SX1C
USB_P-
USB_P+
VDD
GND
GND
GND
VDD
RESETN
GND
USBDN
USBDP
3.3V
SX1C
SX2C
SR1C
SR2C
D13
1N4148
U3
UT28615
1
2
3
4
5
6
8
9
10
11
13
14
15
16
17
18
1
2
3
4
5
6
8
9
10
11
13
14
15
16
17
18
D14
1N4148
D15
1N4148
C2
10pF
1
2
R15
560
R16
560
R17
560
R18
560
R19
560
J1
JP1
R20
560
R21
560
R22
560
C4
33pF
1
2
+
C6
22UF
Y2
7.68MHz
C5
33pF
1
2
R3
220
U1
W6694-QFP48
37
38
39
40
41
42
43
44
45
46
47
48
13
14
15
16
17
18
19
20
21
22
23
24
VDDU
D+
D-
VDD3
UCLK1
UCLK2
VDD3I
VSS1
SR1
SR2
VDD1
SX1
VSS22
VDD22
PTXD
PRXD
EPCS
EPSK
EPDI
EPDO
TEST1#
TEST2#
VSS23
VDD23
R5
1.5K
R6
22
R4
22
JP2
HEADER 4
1
2
3
4
ATACH1
SW DPDT
1
3
2
4
6
5
USB1
USBCONN
1
2
3
4
BUS_P
D-
D+
B_GND
R2
150
+ CB1
1uF
D1
1N4148
+ C3
1uF
U2
NMC9346
DIP8
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
RESET1
TR_RST
1
2
R1
10K
D2
LED
ISDN1
ISDN CONNECTOR
1
2
3
4
5
6
7
8
R8
100
FB1
FERRI BEAD
1
2
D3
LED
CB3
0.1uF
D4
LED
FB2
FERRI BEAD
1
2
FB3
FERRI BEAD
1
2
FB4
FERRI BEAD
1
2
D5
LED
D10
1N4148
R7
18
D9
LED
D8
LED
D7
LED
D6
LED
R9
18
D16
1N4148
D12
1N4148
D17
1N4148
D11
1N4148
CB2
0.1uF
C1
10pF
1
2
CB5
0.1uF
CB4
0.1uF
Y1
24MHz
JP3
JUMPER
JP4
JUMPER
R12
100
R14
8.2K
R13
1.8K
R10
1.8K
D20
1N4148
D18
1N4148
D21
1N4148
D19
1N4148
R11
8.2K
Fig. 5.1 USB Passive TA Orcad Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com