Electronic Components Datasheet Search
  English  ▼

X  

W6694CD Datasheet(PDF) 26 Page - Winbond

Part # W6694CD
Description  USB Bus ISDN S/T-Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6694CD Datasheet(HTML) 26 Page - Winbond

Back Button W6694CD Datasheet HTML 22Page - Winbond W6694CD Datasheet HTML 23Page - Winbond W6694CD Datasheet HTML 24Page - Winbond W6694CD Datasheet HTML 25Page - Winbond W6694CD Datasheet HTML 26Page - Winbond W6694CD Datasheet HTML 27Page - Winbond W6694CD Datasheet HTML 28Page - Winbond W6694CD Datasheet HTML 29Page - Winbond W6694CD Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Preliminary W6694
- 26 -
8.5.2 Layer1 B2 Receiver Select Register
L1B2RS
Read/Write
Address 0Fh
Value after reset: 05h
7
6
5
4
3
2
1
0
0
0
0
0
0
RS2
RS1
RS0
RS2-0 Receiver Select
These bits select the source where layer 1 B2 channel will receive data from.
Possible
values are:
000 (0): receive from PCM1
001 (1): receive from PCM2
011 (3): receive from Layer1 B2
101 (5): receive from USB B2
8.5.3 USB B1 Receiver Select Register
USBB1RS
Read/Write
Address 10h
Value after reset: 02h
7
6
5
4
3
2
1
0
0
0
0
0
0
RS2
RS1
RS0
RS2-0 Receiver Select
These bits select the source where USB B1 channel will receive data from. Possible values
are:
000 (0): receive from PCM1
001 (1): receive from PCM2
010 (2): receive from Layer1 B1
100 (4): receive from USB B1
8.5.4 USB B2 Receiver Select Register
USBB2RS
Read/Write
Address 11h
Value after reset: 03h
7
6
5
4
3
2
1
0
0
0
0
0
0
RS2
RS1
RS0
RS2-0 Receiver Select
These bits select the source where USB B2 channel will receive data from. Possible values
are:
000 (0): receive from PCM1
001 (1): receive from PCM2
011 (3): receive from Layer1 B2
101 (5): receive from USB B2
8.5.5 PCM1 Receiver Select Register
PCM1RS
Read/Write
Address 12h
Value after reset: 00h
7
6
5
4
3
2
1
0
0
0
0
0
EPCM
RS2
RS1
RS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com