Electronic Components Datasheet Search
  English  ▼

X  

W6694CD Datasheet(PDF) 18 Page - Winbond

Part # W6694CD
Description  USB Bus ISDN S/T-Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6694CD Datasheet(HTML) 18 Page - Winbond

Back Button W6694CD Datasheet HTML 14Page - Winbond W6694CD Datasheet HTML 15Page - Winbond W6694CD Datasheet HTML 16Page - Winbond W6694CD Datasheet HTML 17Page - Winbond W6694CD Datasheet HTML 18Page - Winbond W6694CD Datasheet HTML 19Page - Winbond W6694CD Datasheet HTML 20Page - Winbond W6694CD Datasheet HTML 21Page - Winbond W6694CD Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Preliminary W6694
- 18 -
EEPROM Contents :
Offse
t
Size
(Byte)
Contents
15
0
0
2
Vendor ID
2
2
Device ID
4
2
Device release number
8. REGISTER DESCRIPTIONS
8.1 Interrupt Registers
These registers will be read by Interrupt-IN packet only, so the USB host will periodically receive
these data. These registers can not be read by Bulk-IN transfer.
8.1.1 Interrupt Status Register
ISTA
Read_clear
This register indicates interrupt occurred in various interrupt sources. This register is cleared
automatically after it is read and successfully ACKed by the USB host.
Values after reset: 00h
7
6
5
4
3
2
1
0
ICC
MOC
PIOIC
0
0
0
0
0
ICC
Layer 1 Indication Code Change
A change of value in the received indication code has been detected. The new code is in
Layer 1 Command/Indication Register (CIR) register.
MOC
Monitor Channel Status Change
A change of value in the GCI mode Monitor Channel Interrupt Register (MOIR) has occurred.
PIOIC Programmable IO Port Input Signal Changed
A change of value in at least one input IO pin is detected. The input IO pins that change value
can be identified in PIO Input Change Register (PICR) register.
8.1.2 Layer 1 Command/Indication Register
CIR
Read
Value after reset: 0Fh
7
6
5
4
3
2
1
0
0
0
0
0
CIR3
CIR2
CIR1
CIR0
CIR3-0 Layer 1 Indication Code
Value of the received layer 1 indication code for S/T interface. Note these bits have a buffer
size of two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com