Electronic Components Datasheet Search
  English  ▼

X  

W6694CD Datasheet(PDF) 13 Page - Winbond

Part # W6694CD
Description  USB Bus ISDN S/T-Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6694CD Datasheet(HTML) 13 Page - Winbond

Back Button W6694CD Datasheet HTML 9Page - Winbond W6694CD Datasheet HTML 10Page - Winbond W6694CD Datasheet HTML 11Page - Winbond W6694CD Datasheet HTML 12Page - Winbond W6694CD Datasheet HTML 13Page - Winbond W6694CD Datasheet HTML 14Page - Winbond W6694CD Datasheet HTML 15Page - Winbond W6694CD Datasheet HTML 16Page - Winbond W6694CD Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Preliminary W6694
Publication Release Date: October 2000
- 13 -
Revision A1
7.1.2 Control-OUT Transactions (Endpoint 0)
7.1.2.1 Device Clear Feature, Remote Wake-up
BmRequestType
bRequest
wValue
wIndex
wLength
Data
00H
CLEAR_FEATURE
1
0
0
None
On received this request from host, W6694 will not detect the incoming ISDN broadcast message.
7.1.2.2 Device Set Feature, Remote Wake-up
BmRequestType
bRequest
wValue
wIndex
wLength
Data
00H
SET_FEATURE
1
0
0
None
On received this request from host, W6694 will detect the incoming ISDN broadcast message. This is
default setting.
7.1.2.3 Set Interface 0, Alternate Setting 0
bmRequestType
bRequest
wValue
wIndex
wLength
Data
01H
SET_INTERFACE
0
0
0
None
On received this request from host, all endpoints except endpoint 0 are disabled. Also the B1/B2
channel FIFOs are reset and disabled. This is default setting.
7.1.2.4 Set Interface 0, Alternate Setting 1
bmRequestType
bRequest
wValue
wIndex
wLength
Data
01H
SET_INTERFACE
1
0
0
None
On received this request from host, W6694 will enable the B1/B2 channel XFIFO and RFIFO.
7.1.3 Bulk-OUT Transaction (Endpoint 1)
Bulk-OUT endpoint is used to write data to register or/and index which register to be read in following
Bulk-IN transaction. A pare of two bytes (Address, Data) in Bulk-OUT data packet represents a read
or write command on one register. A maximum of 8 bytes consist one Bulk-OUT transaction. W6694
perform the read/write commands following their order in the packet.
Data packet for Bulk-OUT transaction:
Offset 0
1
2
3
4
5
6
7
address
1
data1
address
2
data2
address
3
data3
address
4
data4
Address byte will indicate the read or write action to that register, by assigning highest order bit (bit 7)
to 0 (read) or 1 (write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com