Electronic Components Datasheet Search
  English  ▼

X  

W6694CD Datasheet(PDF) 21 Page - Winbond

Part # W6694CD
Description  USB Bus ISDN S/T-Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6694CD Datasheet(HTML) 21 Page - Winbond

Back Button W6694CD Datasheet HTML 17Page - Winbond W6694CD Datasheet HTML 18Page - Winbond W6694CD Datasheet HTML 19Page - Winbond W6694CD Datasheet HTML 20Page - Winbond W6694CD Datasheet HTML 21Page - Winbond W6694CD Datasheet HTML 22Page - Winbond W6694CD Datasheet HTML 23Page - Winbond W6694CD Datasheet HTML 24Page - Winbond W6694CD Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Preliminary W6694
Publication Release Date: October 2000
- 21 -
Revision A1
RLP
Remote Loopback
Setting this bit activates the remote loopback function. The received 2B channels from the S
interface are looped to the transmitted 2B channels of S/T interface. The D channel is not
looped in this loopback function.
This bit remains set, until cleared by software reset (SRST).
8.2.3 Command Register 2
CMDR2Write
Address 02h
Value after reset: 00h
Bits in this register act similar to that of CMDR1 register, except that the effect is on B1 or B2 channel
XFIFO/RFIFO, instead of on D channel XFIFO/RFIFO.
7
6
5
4
3
2
1
0
B1XRST
B1RRST
B1XEN
B1REN
B2XRST
B2RRST
B2XEN
B2REN
B1XRST
B1 Channel Transmitter Reset
B1RRST
B1 Channel Receiver Reset
B1XEN
B1 Channel Transmit FIFO Enable
B1REN
B1 Channel Receive FIFO Enable
B2XRST
B2 Channel Transmitter Reset
B2RRST
B2 Channel Receiver Reset
B2XEN
B2 Channel Transmit FIFO Enable
B2REN
B2 Channel Receive FIFO Enable
8.2.4 Control Register
CTL
Read/Write
Address 03h
Value after reset: 00H
7
6
5
4
3
2
1
0
0
0
0
0
0
0
OPS1
OPS0
OPS1-0 Output Phase Delay Compensation Select1-0
These two bits select the output phase delay compensation.
OPS1
OPS0
Effect
0
0
No output phase delay compensation
0
1
Output phase delay compensation 260 nS
1
0
Output phase delay compensation 520 nS
1
1
Output phase delay compensation 1040 nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com