Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH6021
Description  High-Frequency Low-Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6021 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH6021 Datasheet HTML 1Page - Sanyo Semicon Device CPH6021 Datasheet HTML 2Page - Sanyo Semicon Device CPH6021 Datasheet HTML 3Page - Sanyo Semicon Device CPH6021 Datasheet HTML 4Page - Sanyo Semicon Device CPH6021 Datasheet HTML 5Page - Sanyo Semicon Device CPH6021 Datasheet HTML 6Page - Sanyo Semicon Device CPH6021 Datasheet HTML 7Page - Sanyo Semicon Device CPH6021 Datasheet HTML 8Page - Sanyo Semicon Device CPH6021 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CPH6021
No. A1910-1/12
Features
•
Low-noise use
: NF=1.2dB typ (f=1GHz)
•
High cut-off frequency : fT=10GHz typ (VCE=5V)
•
High gain
: |S21e|
2=14dB typ (f=1GHz)
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
700
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-002
Ordering number : ENA1910A
62712 TKIM/20911AB TKIM TC-00002543
SANYO Semiconductors
DATA SHEET
CPH6021
NPN Epitaxial Planar Silicon Transistor
High-Frequency Low-Noise Amplifier
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6021-TL-H


Similar Part No. - CPH6021

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
logo
ON Semiconductor
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
RF Transistor
August, 2013
CPH6021-TL-H ONSEMI-CPH6021-TL-H Datasheet
560Kb / 12P
RF Transistor
August, 2013
More results

Similar Description - CPH6021

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356_09 Datasheet
197Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
High-Frequency Low-Noise Amplifier
MCH4017 SANYO-MCH4017 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifier
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com