Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # CPH6021
Description  High-Frequency Low-Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6021 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button CPH6021 Datasheet HTML 2Page - Sanyo Semicon Device CPH6021 Datasheet HTML 3Page - Sanyo Semicon Device CPH6021 Datasheet HTML 4Page - Sanyo Semicon Device CPH6021 Datasheet HTML 5Page - Sanyo Semicon Device CPH6021 Datasheet HTML 6Page - Sanyo Semicon Device CPH6021 Datasheet HTML 7Page - Sanyo Semicon Device CPH6021 Datasheet HTML 8Page - Sanyo Semicon Device CPH6021 Datasheet HTML 9Page - Sanyo Semicon Device CPH6021 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CPH6021
No. A1910-6/12
S Parameters (Common emitter)
VCE=5V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.766
-25.4
14.421
149.8
0.020
72.1
0.889
-22.0
200
0.640
-53.7
13.939
132.3
0.031
67.6
0.734
-35.1
300
0.512
-78.9
12.421
117.0
0.041
66.8
0.620
-42.4
400
0.418
-98.6
10.572
105.3
0.049
67.1
0.541
-47.2
500
0.366
-113.3
8.897
97.5
0.058
68.5
0.488
-50.9
600
0.335
-124.8
7.581
91.4
0.067
69.8
0.450
-54.1
700
0.318
-134.3
6.565
86.6
0.076
70.4
0.423
-57.0
800
0.302
-142.8
5.808
82.3
0.086
70.7
0.401
-59.6
900
0.294
-150.2
5.196
78.6
0.096
70.9
0.385
-62.1
1000
0.289
-156.4
4.700
75.2
0.106
70.9
0.373
-64.7
1200
0.284
-167.3
3.953
69.1
0.127
70.3
0.356
-69.6
1400
0.282
-176.6
3.421
63.5
0.148
69.3
0.347
-74.8
1600
0.285
175.3
3.022
58.3
0.169
68.0
0.342
-80.2
1800
0.288
168.1
2.715
53.4
0.191
66.5
0.340
-85.5
2000
0.292
161.5
2.470
48.7
0.213
64.8
0.341
-90.9
2200
0.298
155.4
2.270
44.2
0.236
62.8
0.343
-96.6
2400
0.304
149.6
2.104
39.9
0.258
60.8
0.345
-102.0
2600
0.310
144.4
1.966
35.8
0.281
58.8
0.350
-107.1
2800
0.318
139.3
1.849
31.7
0.305
56.5
0.355
-112.9
3000
0.322
134.7
1.747
28.0
0.329
54.5
0.361
-117.8
VCE=5V, IC=30mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.447
-51.2
31.013
137.1
0.015
72.3
0.749
-30.3
200
0.303
-94.5
22.794
113.5
0.024
74.5
0.556
-39.8
300
0.254
-118.0
16.483
101.5
0.033
76.9
0.464
-43.7
400
0.237
-133.0
12.654
94.1
0.044
78.3
0.412
-46.5
500
0.232
-144.2
10.199
88.7
0.055
79.6
0.378
-49.1
600
0.231
-152.7
8.520
84.4
0.066
79.4
0.356
-51.8
700
0.233
-159.7
7.304
80.7
0.077
79.3
0.338
-54.5
800
0.234
-165.7
6.390
77.5
0.088
78.6
0.325
-57.1
900
0.236
-171.0
5.681
74.6
0.100
77.8
0.315
-59.9
1000
0.239
-175.6
5.120
71.8
0.111
77.1
0.308
-62.5
1200
0.244
176.1
4.285
66.7
0.134
74.8
0.298
-67.8
1400
0.249
168.9
3.693
61.9
0.157
72.7
0.293
-73.4
1600
0.255
162.5
3.255
57.2
0.180
70.2
0.292
-79.0
1800
0.260
156.7
2.919
52.8
0.203
67.9
0.293
-84.6
2000
0.266
151.2
2.651
48.5
0.226
65.5
0.295
-90.3
2200
0.274
146.0
2.435
44.3
0.249
62.9
0.297
-96.1
2400
0.279
141.0
2.254
40.3
0.272
60.4
0.300
-101.6
2600
0.285
136.4
2.104
36.4
0.295
58.0
0.305
-106.8
2800
0.293
132.0
1.979
32.6
0.318
55.4
0.310
-112.6
3000
0.297
127.9
1.869
29.1
0.341
53.1
0.316
-117.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com