Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # CPH6021
Description  High-Frequency Low-Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6021 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  CPH6021 Datasheet HTML 1Page - Sanyo Semicon Device CPH6021 Datasheet HTML 2Page - Sanyo Semicon Device CPH6021 Datasheet HTML 3Page - Sanyo Semicon Device CPH6021 Datasheet HTML 4Page - Sanyo Semicon Device CPH6021 Datasheet HTML 5Page - Sanyo Semicon Device CPH6021 Datasheet HTML 6Page - Sanyo Semicon Device CPH6021 Datasheet HTML 7Page - Sanyo Semicon Device CPH6021 Datasheet HTML 8Page - Sanyo Semicon Device CPH6021 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CPH6021
No. A1910-5/12
S Parameters (Common emitter)
VCE=3V, IC=50mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.317
-109.4
31.770
125.5
0.013
75.2
0.630
-35.4
200
0.309
-140.2
20.342
105.6
0.023
76.4
0.452
-42.0
300
0.303
-153.5
14.403
96.2
0.034
78.9
0.381
-44.4
400
0.305
-161.9
10.996
89.9
0.045
79.8
0.343
-46.8
500
0.310
-168.1
8.862
85.1
0.057
80.6
0.319
-49.5
600
0.315
-172.9
7.391
81.2
0.068
80.1
0.303
-52.5
700
0.321
-177.3
6.332
77.7
0.080
80.0
0.291
-55.6
800
0.324
178.9
5.544
74.6
0.092
79.1
0.282
-58.6
900
0.329
175.4
4.934
71.7
0.104
78.4
0.275
-61.6
1000
0.332
172.3
4.448
69.0
0.116
77.4
0.271
-64.6
1200
0.338
166.2
3.725
63.8
0.140
75.1
0.267
-70.7
1400
0.344
160.6
3.216
58.9
0.164
72.7
0.265
-77.0
1600
0.351
155.5
2.838
54.1
0.188
70.3
0.267
-83.3
1800
0.356
150.7
2.545
49.6
0.212
67.8
0.270
-89.5
2000
0.362
146.0
2.316
45.2
0.237
65.2
0.275
-95.7
2200
0.369
141.3
2.128
40.9
0.260
62.5
0.279
-101.9
2400
0.374
136.9
1.973
36.8
0.284
60.0
0.284
-107.8
2600
0.379
132.8
1.843
32.9
0.308
57.4
0.290
-113.3
2800
0.387
128.7
1.735
29.0
0.332
54.6
0.297
-119.4
3000
0.389
124.8
1.640
25.5
0.357
52.1
0.304
-124.5
VCE=3V, IC=80mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.476
-152.5
23.097
116.2
0.016
68.9
0.452
-34.8
200
0.527
-167.4
12.902
98.8
0.025
72.7
0.341
-36.3
300
0.540
-174.6
8.790
90.8
0.034
76.2
0.305
-37.7
400
0.547
-179.4
6.612
85.1
0.045
78.8
0.288
-40.3
500
0.553
176.8
5.303
80.5
0.056
79.7
0.277
-43.6
600
0.557
173.5
4.423
76.6
0.068
79.6
0.270
-47.4
700
0.561
170.5
3.794
72.9
0.079
79.6
0.266
-51.2
800
0.564
167.7
3.328
69.7
0.092
79.3
0.264
-55.1
900
0.566
165.0
2.969
66.5
0.104
78.6
0.262
-59.0
1000
0.569
162.4
2.683
63.4
0.116
77.8
0.261
-62.7
1200
0.573
157.4
2.259
57.7
0.141
76.0
0.264
-70.5
1400
0.577
152.6
1.960
52.2
0.166
73.8
0.268
-78.1
1600
0.581
148.0
1.739
47.0
0.191
71.5
0.274
-85.7
1800
0.585
143.4
1.567
42.1
0.218
69.1
0.281
-93.1
2000
0.588
138.9
1.432
37.5
0.244
66.5
0.289
-100.4
2200
0.591
134.4
1.321
33.1
0.270
63.7
0.296
-107.6
2400
0.594
130.1
1.229
29.1
0.297
61.1
0.304
-114.4
2600
0.596
125.9
1.152
25.3
0.323
58.2
0.311
-120.7
2800
0.600
121.6
1.087
21.7
0.350
55.2
0.319
-127.6
3000
0.600
117.6
1.032
18.6
0.377
52.5
0.328
-133.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com