Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH6021
Description  High-Frequency Low-Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6021 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH6021 Datasheet HTML 1Page - Sanyo Semicon Device CPH6021 Datasheet HTML 2Page - Sanyo Semicon Device CPH6021 Datasheet HTML 3Page - Sanyo Semicon Device CPH6021 Datasheet HTML 4Page - Sanyo Semicon Device CPH6021 Datasheet HTML 5Page - Sanyo Semicon Device CPH6021 Datasheet HTML 6Page - Sanyo Semicon Device CPH6021 Datasheet HTML 7Page - Sanyo Semicon Device CPH6021 Datasheet HTML 8Page - Sanyo Semicon Device CPH6021 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CPH6021
No. A1910-4/12
S Parameters (Common emitter)
VCE=3V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.758
-26.8
14.284
149.0
0.021
74.1
0.878
-24.0
200
0.630
-56.2
13.720
131.4
0.033
66.6
0.711
-38.2
300
0.503
-82.5
12.164
116.0
0.044
65.4
0.593
-46.0
400
0.414
-103.1
10.315
104.5
0.053
65.8
0.512
-51.3
500
0.368
-117.9
8.649
96.7
0.062
67.0
0.457
-55.3
600
0.341
-129.4
7.360
90.8
0.072
68.0
0.419
-58.7
700
0.326
-138.7
6.370
86.0
0.081
68.6
0.391
-61.8
800
0.313
-147.1
5.629
81.7
0.091
69.2
0.370
-64.6
900
0.307
-154.2
5.036
78.0
0.101
69.2
0.353
-67.3
1000
0.302
-160.2
4.556
74.7
0.112
69.2
0.342
-69.9
1200
0.299
-170.7
3.832
68.6
0.133
68.5
0.325
-75.2
1400
0.298
-179.6
3.316
63.1
0.155
67.4
0.316
-80.5
1600
0.301
172.7
2.931
57.9
0.177
66.0
0.312
-86.0
1800
0.305
165.8
2.634
53.0
0.199
64.4
0.311
-91.4
2000
0.309
159.4
2.398
48.3
0.222
62.7
0.312
-96.9
2200
0.315
153.4
2.204
43.8
0.244
60.7
0.314
-102.6
2400
0.320
147.8
2.044
39.5
0.267
58.7
0.316
-108.0
2600
0.326
142.7
1.911
35.4
0.290
56.6
0.321
-113.1
2800
0.334
137.8
1.799
31.3
0.314
54.3
0.327
-118.8
3000
0.338
133.2
1.700
27.7
0.337
52.2
0.333
-123.7
VCE=3V, IC=30mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.422
-60.6
29.590
135.2
0.016
71.4
0.722
-33.7
200
0.307
-104.4
21.814
112.1
0.025
72.9
0.519
-44.2
300
0.268
-126.8
15.788
100.5
0.037
76.0
0.425
-48.4
400
0.256
-140.7
12.124
93.3
0.047
77.3
0.373
-51.5
500
0.254
-150.8
9.776
88.0
0.058
78.3
0.340
-54.4
600
0.255
-158.5
8.161
83.9
0.070
78.3
0.317
-57.4
700
0.258
-164.9
6.998
80.2
0.081
77.8
0.300
-60.3
800
0.259
-170.4
6.125
77.0
0.093
77.5
0.288
-63.2
900
0.262
-175.2
5.448
74.1
0.105
76.6
0.278
-66.1
1000
0.265
-179.3
4.911
71.3
0.117
75.3
0.272
-68.8
1200
0.270
173.0
4.110
66.2
0.141
73.4
0.263
-74.5
1400
0.275
166.2
3.546
61.3
0.165
71.1
0.259
-80.3
1600
0.281
160.2
3.126
56.7
0.189
68.6
0.259
-86.1
1800
0.287
154.6
2.804
52.3
0.212
66.2
0.260
-91.9
2000
0.292
149.3
2.549
48.0
0.236
63.6
0.263
-97.7
2200
0.299
144.3
2.343
43.7
0.259
61.0
0.266
-103.5
2400
0.305
139.4
2.170
39.7
0.282
58.5
0.269
-109.0
2600
0.310
135.1
2.028
35.9
0.305
56.0
0.275
-114.2
2800
0.317
130.7
1.908
32.0
0.329
53.3
0.280
-119.9
3000
0.320
126.7
1.803
28.5
0.352
50.9
0.287
-124.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com