Electronic Components Datasheet Search
  English  ▼

X  

CPH6021 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH6021
Description  High-Frequency Low-Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6021 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH6021 Datasheet HTML 1Page - Sanyo Semicon Device CPH6021 Datasheet HTML 2Page - Sanyo Semicon Device CPH6021 Datasheet HTML 3Page - Sanyo Semicon Device CPH6021 Datasheet HTML 4Page - Sanyo Semicon Device CPH6021 Datasheet HTML 5Page - Sanyo Semicon Device CPH6021 Datasheet HTML 6Page - Sanyo Semicon Device CPH6021 Datasheet HTML 7Page - Sanyo Semicon Device CPH6021 Datasheet HTML 8Page - Sanyo Semicon Device CPH6021 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CPH6021
No. A1910-3/12
Collector Current, IC -- mA
NF -- IC
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
|S21e|2 -- I
C
IT16270
0
0
20
40
60
80
100
120
140
160
700
600
800
500
300
400
200
100
When mounted on ceramic substrate
(250mm2
×0.8mm)
25
20
15
10
5
0
10
3
25
7
100
3
25
7
1.0
IT16268
IT16269
1.0
10
27
35
2
7
35
100
0
3
1
2
6
8
4
5
7
9
10
Zs=50
Ω
VCE=5V
f=1GHz
VCE=5V
f=1GHz
Zs=Zsopt
Collector Current, IC -- mA
fT -- IC
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
IT16267
7
2
3
5
7
2
3
5
100
10
1.0
1.0
23
5
7
10
23
5
7
100
VCE=5V
f=1GHz
5
7
2
3
1.0
0.1
3
25
100
0.1
73
25 7
10
3
25 7
1.0
f=1MHz
IT16266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com