Electronic Components Datasheet Search
  English  ▼

X  

ADP2441 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2441
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2441 Datasheet HTML 2Page - Analog Devices ADP2441 Datasheet HTML 3Page - Analog Devices ADP2441 Datasheet HTML 4Page - Analog Devices ADP2441 Datasheet HTML 5Page - Analog Devices ADP2441 Datasheet HTML 6Page - Analog Devices ADP2441 Datasheet HTML 7Page - Analog Devices ADP2441 Datasheet HTML 8Page - Analog Devices ADP2441 Datasheet HTML 9Page - Analog Devices ADP2441 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
FB
COMP
NOTES
1. THE EXPOSED PAD SHOULD BE CONNECTED
TO THE SYSTEM AGND PLANE AND PGND PLANE.
EN
VIN
SW
PGND
9
8
7
1
2
3
TOP
VIEW
ADP2441
Figure 3. Pin Configuration, Top View
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FB
Feedback Regulation Voltage is 0.6 V. Connect this pin to a resistor divider from the output of the dc-to-dc regulator.
2
COMP
Error Amplifier Compensation. Connect a resistor and capacitor in series to ground.
3
EN
Precision Enable. This features offers ±5% accuracy when using a 1.25 V reference voltage. Pull this pin high to
enable the regulator and low to disable the regulator. Do not leave the EN pin floating.
4
PGOOD
Active High Power-Good Output. This pin is pulled low when the output is out of regulation.
5
FREQ
Switching Frequency. A resistor to AGND sets the switching frequency (see the Setting the Switching Frequency
section). Do not leave the FREQ pin floating.
6
SS/TRK
Soft Start/Tracking Input. A capacitor to ground is required to program the soft start time, which gradually ramps
up the output. A resistive divider to an external reference is required on this pin to track an external voltage.
7
PGND
Power Ground. Connect a decoupling ceramic capacitor as close as possible between the VIN pin and this pin.
Connect this pin directly to the exposed pad.
8
SW
Switch. The midpoint for the drain of the low-side N-channel power MOSFET switch and the source for the high-side
N-channel power MOSFET switch.
9
VIN
Power Supply Input. Connect this pin to the input power source, and connect a bypass ceramic capacitor directly
from this pin to PGND, as close as possible to the IC. The operation voltage is 4.5 V to 36 V.
10
BST
Boost. Connect a 10 nF ceramic capacitor between the BST and SW pins as close to the IC as possible to form a
floating supply for the high-side N-Channel power MOSFET driver. This capacitor is needed to drive the gate of the
N-channel power MOSFET above the supply voltage.
11
VCC
Output of the Internal Low Dropout Regulator. This pin supplies power for the internal controller and driver circuitry.
Connect a 1 μF ceramic capacitor between VCC and AGND and a 1 μF ceramic capacitor between VCC and PGND.
The VCC output is active when the EN pin voltage is more than 0.7 V.
12
AGND
Analog Ground. This pin is the internal ground for the control functions. Connect this pin directly to the exposed pad.
EP
Exposed Thermal Pad. The exposed pad should be connected to AGND and PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com