Electronic Components Datasheet Search
  English  ▼

X  

ADP2441 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2441
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2441 Datasheet HTML 5Page - Analog Devices ADP2441 Datasheet HTML 6Page - Analog Devices ADP2441 Datasheet HTML 7Page - Analog Devices ADP2441 Datasheet HTML 8Page - Analog Devices ADP2441 Datasheet HTML 9Page - Analog Devices ADP2441 Datasheet HTML 10Page - Analog Devices ADP2441 Datasheet HTML 11Page - Analog Devices ADP2441 Datasheet HTML 12Page - Analog Devices ADP2441 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 9 of 32
0
2
4
8
6
10
12
–50
0
50
100
150
TEMPERATURE (°C)
VIN = 36V
VIN = 4.5V
Figure 16. Shutdown Current vs. Temperature
TEMPERATURE (°C)
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–50
–25
0
25
50
75
100
125
UVLO, RISING VIN
UVLO, FALLING VIN
Figure 17. UVLO Threshold vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TRACK (V)
Figure 18. Tracking Range
0.05
0.25
0.45
0.65
0.85
1.05
1.25
1.45
1.65
1.85
2.05
2.25
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (°C)
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 4.5V
Figure 19. Supply Current vs. Temperature
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
–50
–30
–10
1030507090
110
130
150
TEMPERATURE (°C)
ENABLE RISING THRESHOLD
ENABLE FALLING THRESHOLD
Figure 20. Enable Threshold vs. Temperature
60
70
80
90
100
110
120
130
–50
–30
–101030507090
110
130
150
TEMPERATURE (°C)
PGOOD RISE, FB INCREASING
PGOOD FALL, FB INCREASING
PGOOD RISE, FB DECREASING
PGOOD FALL, FB DECREASING
Figure 21. PGOOD Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com