Electronic Components Datasheet Search
  English  ▼

X  

ADP2441 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2441
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2441 Datasheet HTML 15Page - Analog Devices ADP2441 Datasheet HTML 16Page - Analog Devices ADP2441 Datasheet HTML 17Page - Analog Devices ADP2441 Datasheet HTML 18Page - Analog Devices ADP2441 Datasheet HTML 19Page - Analog Devices ADP2441 Datasheet HTML 20Page - Analog Devices ADP2441 Datasheet HTML 21Page - Analog Devices ADP2441 Datasheet HTML 22Page - Analog Devices ADP2441 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 19 of 32
SOFT START
The soft start function limits the input inrush current and
prevents output overshoot at startup. The soft start time is
programmed by connecting a small ceramic capacitor between
the SS/TRK and AGND pins, with the value of this capacitor
defining the soft start time, tSS, as follows:
SS
SS
SS
REF
C
I
t
V
(5)
where:
VREF is the internal reference voltage and equals 0.6 V.
ISS is the soft start current and equals 1 μA.
CSS is the soft start capacitor value.
Table 7. Soft Start Time Selection
Soft Start Capacitor (nF)
Soft Start Time (ms)
5
3
10
6
20
12
Alternatively, the user can float the SS/TRK pin and use the
internal soft start time of 2 ms.
EXTERNAL COMPONENTS SELECTION
Input Capacitor Selection
The input current to a buck regulator is pulsating in nature. The
current is zero when the high-side switch is off and is approxi-
mately equal to the load current when the switch is on. Because
switching occurs at reasonably high frequencies (300 kHz to
1 MHz), the input bypass capacitor usually supplies most of
the high frequency current (ripple current), allowing the input
power source to supply only the average (dc) current. The input
capacitor needs a sufficient ripple current rating to handle the
input ripple and needs an ESR that is low enough to mitigate the
input voltage ripple. In many cases, different types of capacitors
are placed in parallel to minimize the effective ESR and ESL.
The minimum input capacitance required for a particular load is
SW
ESR
OUT
PP
OUT
MIN
IN
f
R
D
I
V
D
D
I
C
)
(
)
1
(
_
(6)
where:
VPP is the desired input ripple voltage.
RESR is the equivalent series resistance of the capacitor.
IOUT is the maximum load current.
It is recommended to use a ceramic bypass capacitor because
the ESR associated with this type of capacitor is near zero,
simplifying the equation to
SW
PP
OUT
MIN
IN
f
V
D
D
I
C
)
1
(
_
(7)
In addition, it is recommended to use a ceramic capacitor with a
voltage rating that is 1.5 times the input voltage with X5R and X7R
dielectrics. Using Y5V and Z5U dielectrics is not recommended
due to their poor temperature and dc bias characteristics. Table 10
shows a list of recommended MLCC capacitors from Murata
and Taiyo Yuden.
For large step load transients, add more bulk capacitance by, for
example, using electrolytic or polymer capacitors. Make sure
that the ripple current rating of the bulk capacitor exceeds the
minimum input ripple current of a particular design.
Inductor Selection
The high switching frequency of the ADP2441 allows for
minimal output voltage ripple even when small inductors are used.
Selecting the size of the inductor involves considering the trade-off
between efficiency and transient response. A smaller inductor
results in larger inductor current ripple, which provides excellent
transient response but degrades efficiency. Due to the high
switching frequency of the ADP2441, using shielded ferrite core
inductors is recommended because of their low core losses and
low EMI.
The inductor ripple current also affects the stability of the loop
because the ADP2441 uses the emulated peak current mode
architecture. In the traditional approach of slope compensation,
the user sets the inductor ripple current and then sets the slope
compensation using an external ramp resistor. In most cases, the
inductor ripple current is typically set to be 1/3 of the maximum
load current for optimal transient response and efficiency. The
ADP2441 has internal slope compensation, which assumes that
the inductor ripple current is set to 0.3 A (30% of the maximum
load of 1 A), eliminating the need for an external ramp resistor.
For the ADP2441, choose an inductor such that the peak-to-
peak ripple current of the inductor is between 0.2 A and 0.5 A
for stable operation.
Therefore, calculate the inductor value as follows:
L
f
V
V
V
V
I
SW
IN
OUT
IN
OUT
L
)
(
(8)
0.2 A ≤ ΔIL ≤ 0.5 A
SW
IN
OUT
IN
OUT
SW
IN
OUT
IN
OUT
f
V
V
V
V
L
f
V
V
V
V
)
(
5
)
(
2
SW
IN
OUT
IN
OUT
IDEAL
f
V
V
V
V
L
)
(
3
.
3
(9)
where:
VIN is the input voltage.
VOUT is the desired output voltage.
fSW is the regulator switching frequency.
For applications with a wide input (VIN) range, choose the
inductor based on the geometric mean of the input voltage
extremes.
MIN
IN
MAX
IN
GEOMETRIC
IN
V
V
V
_
_
)
(
where:
VIN_MAX is the maximum input voltage.
VIN_MIN is the minimum input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com