Electronic Components Datasheet Search
  English  ▼

X  

ADP2441 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2441
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2441 Datasheet HTML 19Page - Analog Devices ADP2441 Datasheet HTML 20Page - Analog Devices ADP2441 Datasheet HTML 21Page - Analog Devices ADP2441 Datasheet HTML 22Page - Analog Devices ADP2441 Datasheet HTML 23Page - Analog Devices ADP2441 Datasheet HTML 24Page - Analog Devices ADP2441 Datasheet HTML 25Page - Analog Devices ADP2441 Datasheet HTML 26Page - Analog Devices ADP2441 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 23 of 32
DESIGN EXAMPLE
Consider an application with the following specifications:
VIN =24 V ± 10%
VOUT = 5 V ± 1%
Switching frequency = 700 kHz
Load = 800 mA typical
Maximum load current = 1 A
Soft start time = 6 ms
Overshoot ≤ 2% under all load transient conditions
CONFIGURATION AND COMPONENTS SELECTION
Resistor Divider
The first step in selecting the external components is to
calculate the resistance of the resistor divider that sets the
output voltage.
Using Equation 2 and Equation 3,
kΩ
10
μA
60
6
.
0
STRING
REF
BOTTOM
I
V
R


REF
REF
OUT
BOTTOM
TOP
V
V
V
R
R
kΩ
3
.
73
V
6
.
0
V
6
.
0
V
5
kΩ
10
TOP
R
Switching Frequency
Choosing the switching frequency involves considering the
trade-off between efficiency and component size. Low
frequency improves the efficiency by reducing the gate losses
but requires a large inductor. The choice of high frequency is
limited by the minimum and maximum duty cycle.
Table 11. Duty Cycle
VIN
Duty Cycle
24 V (Nominal)
DNOMINAL = 20.8%
26 V (10% Above Nominal)
DMIN = 19%
22 V (10% Less than Nominal)
DMAX = 23%
Based on the estimated duty cycle range, choose the switching
frequency according to the minimum and maximum duty cycle
limitations, as shown in Figure 55. For example, a 700 kHz,
frequency is well within the maximum and minimum duty
cycle limitations.
Using Equation 4,
SW
FREQ
f
R
500
,
92
RFREQ = 132 kΩ
Soft Start Capacitor
For a given soft start time, the soft start capacitor can be calculated
using Equation 5,
SS
SS
SS
REF
C
I
t
V
REF
SS
SS
SS
V
t
I
C
nF
10
V
6
.
0
ms
6
μA
1
SS
C
Inductor Selection
Select the inductor by using Equation 9.
SW
IN
OUT
IN
OUT
IDEAL
f
V
V
V
V
L
)
(
3
.
3
μH
3
.
18
μH
66
.
18
kHz
700
V
24
V
)
5
24
(
V
5
3
.
3
IDEAL
L
In Equation 9, VIN = 24 V, VOUT = 5 V, ILOAD(MAX) = 1 A, and fSW =
700 kHz, which results in L = 18.66 μH. When L = 18 μH (the
closest standard value) in Equation 8, ΔIL = 0.314 A. Although
the maximum output current required is 1 A, the maximum
peak current is 1.6 A. Therefore, the inductor should be rated
for higher than 1.6 A current.
Input Capacitor Selection
The input filter consists of a small 0.1 μF ceramic capacitor
placed as close as possible to the IC.
The minimum input capacitance required for a particular load is
SW
PP
OUT
MIN
IN
f
V
D
D
I
C
)
1
(
_
where:
VPP = 50 mV.
IOUT = 1 A.
D = 0.23.
fSW = 700 kHz.
Therefore,
μF
9
.
4
kHz
700
V
05
.
0
)
22
.
0
1
(
22
.
0
A
1
_
MIN
IN
C
Choosing an input capacitor of 10 μF with a voltage rating of
50 V ensures sufficient capacitance over voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com