Electronic Components Datasheet Search
  English  ▼

X  

ADP2441 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2441
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Datasheet(HTML) 2 Page - Analog Devices

  ADP2441 Datasheet HTML 1Page - Analog Devices ADP2441 Datasheet HTML 2Page - Analog Devices ADP2441 Datasheet HTML 3Page - Analog Devices ADP2441 Datasheet HTML 4Page - Analog Devices ADP2441 Datasheet HTML 5Page - Analog Devices ADP2441 Datasheet HTML 6Page - Analog Devices ADP2441 Datasheet HTML 7Page - Analog Devices ADP2441 Datasheet HTML 8Page - Analog Devices ADP2441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Circuit Configuration......................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Internal Block Diagram ................................................................. 14
Theory of Operation ...................................................................... 15
Control Architecure ................................................................... 15
Adjustable Frequency................................................................. 16
Power Good................................................................................. 16
Soft Start ...................................................................................... 16
Tracking ....................................................................................... 16
Undervoltage Lockout (UVLO) ............................................... 17
Precision Enable/Shutdown ...................................................... 17
Current-Limit and Short-Circuit Protection .......................... 17
Thermal Shutdown..................................................................... 17
Applications Information .............................................................. 18
Selecting the Output Voltage .................................................... 18
Setting the Switching Frequency.............................................. 18
Soft Start ...................................................................................... 19
External Components Selection............................................... 19
Boost Capacitor .......................................................................... 21
VCC Capacitor............................................................................ 21
Loop Compensation .................................................................. 21
Large Signal Analysis of the Loop Compensation................. 21
Design Example .............................................................................. 23
Configuration and Components Selection ............................. 23
System Configuration ................................................................ 24
Typical Application Circuits ......................................................... 25
Design Example.......................................................................... 25
Other Typical Circuit Configurations ..................................... 26
Power Dissipation and Thermal Considerations ....................... 29
Power Dissipation....................................................................... 29
Thermal Considerations............................................................ 29
Evaluation Board Thermal Performance .................................... 30
Circuit Board Layout Recommendations ................................... 31
Outline Dimensions ....................................................................... 32
Ordering Guide .......................................................................... 32
REVISION HISTORY
11/12—Rev. 0 to Rev. A
Changes to Figure 1.......................................................................... 1
Changed IVIN Maximum Parameter from 2.2 mA to2 mA.......... 3
Changes to Pin 3 and Pin 5 Descriptions ...................................... 6
Changes to Boost Capacitor Section............................................ 21
Changes to Figure 66...................................................................... 31
Changes to Ordering Guide .......................................................... 32
6/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com