Electronic Components Datasheet Search
  English  ▼

X  

AD1864 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1864
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1864 Datasheet HTML 2Page - Analog Devices AD1864 Datasheet HTML 3Page - Analog Devices AD1864 Datasheet HTML 4Page - Analog Devices AD1864 Datasheet HTML 5Page - Analog Devices AD1864 Datasheet HTML 6Page - Analog Devices AD1864 Datasheet HTML 7Page - Analog Devices AD1864 Datasheet HTML 8Page - Analog Devices AD1864 Datasheet HTML 9Page - Analog Devices AD1864 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD1864
–6–
REV. A
GROUNDING RECOMMENDATIONS
The AD1864 has three ground pins, two labeled AGND and
one labeled DGND. AGND, the analog ground pins, are the
“high quality” ground references for the device. To minimize
distortion and reduce crosstalk between channels, the analog
ground pins should be connected together only at the analog
common point in the system. As shown in Figure 7, the AGND
pins should not be connected at the chip.
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
R F
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOUT
VOUT
–ANALOG
SUPPLY
DIGITAL
SUPPLY
–DIGITAL
SUPPLY
ANALOG
SUPPLY
DIGITAL
COMMON
Figure 7. Recommended DIP Circuit Schematic
The digital ground pin returns ground current from the digital
logic portions of the AD1864 circuitry. This pin should be
connected to the digital common pin in the system. Other
digital logic chips should also be referred to that point. The
analog and digital grounds should be connected together at one
point in the system, preferably at the power supply.
POWER SUPPLIES AND DECOUPLING
The AD1864 has four power supply pins.
±V
S provides the
supply voltages that operate the analog portions of the DAC,
including the voltage references, output amplifiers and control
amplifiers. The
±V
S supplies are designed to operate from
±5 V
to
± 12 V. These supplies should be decoupled to analog
common using 0.1
µF capacitors. Good engineering practice
suggests that the bypass capacitors be placed as close as possible
to the package pins. This minimizes the parasitic inductive
effects of printed circuit board traces.
The
± V
L supplies operate the digital portions of the chip,
including the input shift registers and the input latching
circuitry. These supplies should be bypassed to digital common
using 0.1
µF capacitors. ±V
L operates with ± 5 V to ± 12 V
supplies. In order to assure proper operation of the AD1864,
–VS must be the most negative power supply voltage at all times.
Though separate positive and negative power supply pins are
provided for the analog and digital portions of the AD1864, it is
also possible to use the AD1864 in systems featuring a single
positive and a single negative power supply. In this case, the
+VS and +VL input pins should be connected to the positive
power supply. –VS and –VL should be connected to the single
negative supply. This feature allows reduction of the cost and
complexity of the system power supply.
As with most linear circuits, changes in the power supplies will
affect the output of the DAC. Analog Devices recommends that
well regulated power supplies with less than 1% ripple be
incorporated into the design of an audio system.
DISTORTION PERFORMANCE AND TESTING
The THD+N figure of an audio DAC represents the amount of
undesirable signal produced during reconstruction and playback
of an audio waveform. The THD+N specification, therefore,
provides a direct method to classify and choose an audio DAC
for a desired level of performance. Figure 1 illustrates the typical
THD+N performance of the AD1864 versus frequency. A load
impedance of at least 1.5 k
Ω is recommended for best THD+N
performance.
Analog Devices tests and grades all AD1864s on the basis of
THD+N performance. During the distortion test, a high speed
digital pattern generator transmits digital data to each channel
of the device under test. Eighteen-bit data is latched into the
DAC at 352.8 kHz (8
× F
S). The test waveform is a 990.5 kHz
sine wave with 0 dB, –20 dB and –60 dB amplitudes. A 4096
point FFT calculates total harmonic distortion + noise,
signal-to-noise ratio, D-Range and channel separation. No
deglitchers or MSB trims are used.
OPTIONAL MSB ADJUSTMENT
Use of optional adjust circuitry allows residual distortion error
to be eliminated. This distortion is especially important when
low amplitude signals are being reproduced. The MSB adjust
circuitry is shown in Figure 8. The trim pot should be adjusted
to produce the lowest distortion using an input signal with a
–60 dB amplitude.
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
R F
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
200k
Ω 100kΩ 470kΩ
200k
Ω
100k
Ω
470k
Ω
Figure 8. Optional DIP THD+N Adjust Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com