Electronic Components Datasheet Search
  English  ▼

X  

AD1864 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1864
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1864 Datasheet HTML 4Page - Analog Devices AD1864 Datasheet HTML 5Page - Analog Devices AD1864 Datasheet HTML 6Page - Analog Devices AD1864 Datasheet HTML 7Page - Analog Devices AD1864 Datasheet HTML 8Page - Analog Devices AD1864 Datasheet HTML 9Page - Analog Devices AD1864 Datasheet HTML 10Page - Analog Devices AD1864 Datasheet HTML 11Page - Analog Devices AD1864 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1864
–10–
REV. A
12
2
1
3
4
5
6
7
9
11
10
8
24
23
22
19
21
20
18
17
16
15
14
13
AD1864
MSB
OUT
I
L
–V
DL
LL
DGND
OUT
V
OUT
I
TRIM
MSB
AGND
SJ
TRIM
SJ
AGND
OUT
V
R F
–VS
+VL
LR
CLK
DR
+VS
R F
+5V DIGITAL
SUPPLY
–5V DIGITAL
SUPPLY
LPF
LPF
RIGHT
CHANNEL
OUTPUT
LEFT
CHANNEL
OUTPUT
–5V ANALOG
SUPPLY
+5V ANALOG
SUPPLY
1
2
3
4
5
6
7
8
9
10
11
12
13
22
21
20
19
18
17
16
15
14
VSS
SOMD1
SOMD2
VDD
BCKO
WDCO
DOR
DOL
DGL
SM5814AP
(22-PIN DIP)
Figure 13. AD1864 with NPC SM5814AP Digital Filter
24
23
22
19
21
20
18
17
16
15
14
13
12
2
1
3
4
5
6
7
9
11
10
8
AD1864
MSB
OUT
I
L
–V
DL
LL
DGND
OUT
V
OUT
I
TRIM
MSB
AGND
SJ
TRIM
SJ
AGND
OUT
V
R F
–VS
+VL
LR
CLK
DR
+VS
R F
+5V DIGITAL
SUPPLY
–5V DIGITAL
SUPPLY
LPF
LPF
RIGHT
CHANNEL
OUTPUT
LEFT
CHANNEL
OUTPUT
–5V ANALOG
SUPPLY
+5V ANALOG
SUPPLY
1
2
3
4
5
6
7
8
12
11
10
9
13
16
15
14
VSS
SHL
V DD2
SHR
16/18
ST
BCO
WCO
DLO
V DD1
DRO
YM3434
Figure 14. AD1864 with Yamaha YM3434 Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com