Electronic Components Datasheet Search
  English  ▼

X  

AD1864 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1864
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1864 Datasheet HTML 4Page - Analog Devices AD1864 Datasheet HTML 5Page - Analog Devices AD1864 Datasheet HTML 6Page - Analog Devices AD1864 Datasheet HTML 7Page - Analog Devices AD1864 Datasheet HTML 8Page - Analog Devices AD1864 Datasheet HTML 9Page - Analog Devices AD1864 Datasheet HTML 10Page - Analog Devices AD1864 Datasheet HTML 11Page - Analog Devices AD1864 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD1864
–12–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Plastic DIP
28-Pin PLCC
OTHER DIGITAL AUDIO COMPONENTS AVAILABLE
FROM ANALOG DEVICES
AD1860 18-BIT AUDIO DAC
Complete, No External Components
Required
0.002% THD+N
108 dB Signal-to-Noise Ratio
16-Pin DIP or SOIC Package
Standard Pinout
AD1862 20-BIT AUDIO DAC
120 dB Signal-to-Noise Ratio
0.0012% THD+N
105 dB D-Range Performance
±1 dB Gain Linearity
16-Pin DIP
AD1856 16-BIT AUDIO DAC
Complete, No External Components
Required
0.0025% THD
Low Cost
16-Pin DIP or SOIC Package
Standard Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com