Electronic Components Datasheet Search
  English  ▼

X  

AD1864 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1864
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864 Datasheet(HTML) 4 Page - Analog Devices

  AD1864 Datasheet HTML 1Page - Analog Devices AD1864 Datasheet HTML 2Page - Analog Devices AD1864 Datasheet HTML 3Page - Analog Devices AD1864 Datasheet HTML 4Page - Analog Devices AD1864 Datasheet HTML 5Page - Analog Devices AD1864 Datasheet HTML 6Page - Analog Devices AD1864 Datasheet HTML 7Page - Analog Devices AD1864 Datasheet HTML 8Page - Analog Devices AD1864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD1864
–4–
REV. A
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1864 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 13.2 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 13.2 V
–VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –13.2 V to 0 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –13.2 V to 0 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VL
Short-Circuit Protection . . . . . . . . Indefinite Short to Ground
Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PIN CONFIGURATIONS
DIP Package
1
2
3
4
5
6
7
8
9
10
11
24
23
22
21
20
19
18
17
16
15
14
12
13
TOP VIEW
(Not to Scale)
AD1864
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
R F
LEFT
CHANNEL
RIGHT
CHANNEL
PLCC Package
TOP VIEW
(Not to Scale)
AD1864
4
32
1
28 27
26
12
13
14 15
16
17
18
25
24
23
22
21
20
19
5
6
7
8
9
10
11
I OUT
AGND
SJ
NC
RF
VOUT
–V
L
I OUT
AGND
SJ
NC
RF
VOUT
+V
L
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS
Signal
Description
–VS
Negative Analog Supply
TRIM
Right Channel Trim Network Connection
MSB
Right Channel Trim Potentiometer Connection
IOUT
Right Channel Output Current
AGND
Right Channel Analog Common Pin
SJ
Right Channel Amplifier Summing Junction
RF
Right Channel Feedback Resistor
VOUT
Right Channel Output Voltage
+VL
Positive Digital Supply
DR
Right Channel Data Input Pin
LR
Right Channel Latch Pin
CLK
Clock Input Pin
DGND
Digital Common Pin
LL
Left Channel Latch Pin
DL
Left Channel Data Input Pin
–VL
Negative Digital Supply
VOUT
Left Channel Output Voltage
RF
Left Channel Feedback Resistor
SJ
Left Channel Amplifier Summing Junction
AGND
Left Channel Analog Common Pin
IOUT
Left Channel Output Current
MSB
Left Channel Trim Potentiometer Wiper Connection
TRIM
Left Channel Trim Network Connection
+VS
Positive Analog Supply
ORDERING GUIDE
THD+N
Package
Model
@ Full Scale
Option*
AD1864N
0.006%
N-24
AD 1864N-J
0.004%
N-24
AD1864N-K
0.0025%
N-24
AD1864P
0.006%
P-28A
AD1864P-J
0.004%
P-28A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com