Electronic Components Datasheet Search
  English  ▼

X  

AD1864 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1864
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864 Datasheet(HTML) 3 Page - Analog Devices

  AD1864 Datasheet HTML 1Page - Analog Devices AD1864 Datasheet HTML 2Page - Analog Devices AD1864 Datasheet HTML 3Page - Analog Devices AD1864 Datasheet HTML 4Page - Analog Devices AD1864 Datasheet HTML 5Page - Analog Devices AD1864 Datasheet HTML 6Page - Analog Devices AD1864 Datasheet HTML 7Page - Analog Devices AD1864 Datasheet HTML 8Page - Analog Devices AD1864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD1864
–3–
REV. A
Typical Performance Data—
100
90
80
70
60
50
40
30
20
10
0
0
24
68
10
FREQUENCY – kHz
0dB
–20dB
–60dB
Figure 1. THD+N vs. Frequency
130
0
20
40
60
80
100
120
110
90
70
50
30
10
0
5
10
15
FREQUENCY – kHz
Figure 2. Channel Separation vs. Frequency
100
95
90
85
80
0
20
40
60
TEMPERATURE – C
Figure 3. THD+N vs. Temperature
700
600
500
400
300
200
100
0
06
8
10
12
SUPPLY VOLTAGE – +V
Figure 4. Power Dissipation vs. Supply Voltage
100
90
80
70
60
50
40
30
20
10
0
500
1000
1500
2000
2500
3000
LOAD RESISTANCE –
Ω
Figure 5. THD+N vs. Load Resistance
10
8
6
4
2
0
–2
–4
–6
–8
–100
–60
–40
0
–10
–80
–20
–50
–30
–10
–90
–70
INPUT AMPLITUDE – dB
Figure 6. Gain Linearity Error vs. Input Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com