Electronic Components Datasheet Search
  English  ▼

X  

AD5011 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5011
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5011 Datasheet(HTML) 8 Page - Analog Devices

  AD5011 Datasheet HTML 1Page - Analog Devices AD5011 Datasheet HTML 2Page - Analog Devices AD5011 Datasheet HTML 3Page - Analog Devices AD5011 Datasheet HTML 4Page - Analog Devices AD5011 Datasheet HTML 5Page - Analog Devices AD5011 Datasheet HTML 6Page - Analog Devices AD5011 Datasheet HTML 7Page - Analog Devices AD5011 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD5011
–8–
REV PrA
PRELIMINARY TECHNICAL DATA
Programmable Gain Amplifier Gain Settings (Receive Signal)
GGA-GC2
PGA-GC1
PGA-GC0
Gain (dB)
00
0
- 6
00
1
- 3
01
0
0
01
1
3
10
0
6
10
1
9
11
0
9
11
1
9
Transmit and Receive Filter Corner Frequency (kHz)
TPFD [7:0]
TPFD[8]
TPFD[9]
TPFD[10]
RPFD[0:7]
RPFD[8]
RPFD[9]
RPFD[10]
T B D
49
108
235
T B D
52
114
250
T B D
59.8
131
287
T B D
67.5
148
324
T B D
75.3
165
361
T B D
83
182
399
T B D
90.8
199
436
T B D
98.5
216
473
T B D
106.3
233
510
T B D
114
250
547
T B D
120.8
265
580



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com