Electronic Components Datasheet Search
  English  ▼

X  

ADA10000 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ADA10000
Description  1 GHz CATV Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ADA10000 Datasheet HTML 1Page - ANADIGICS, Inc ADA10000 Datasheet HTML 2Page - ANADIGICS, Inc ADA10000 Datasheet HTML 3Page - ANADIGICS, Inc ADA10000 Datasheet HTML 4Page - ANADIGICS, Inc ADA10000 Datasheet HTML 5Page - ANADIGICS, Inc ADA10000 Datasheet HTML 6Page - ANADIGICS, Inc ADA10000 Datasheet HTML 7Page - ANADIGICS, Inc ADA10000 Datasheet HTML 8Page - ANADIGICS, Inc ADA10000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Data Sheet - Rev 2.7
04/2012
ADA10000
ElECTRICal CHaRaCTERISTICS
Table 3: absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 4: Operating Ranges
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
Notes:
(1) RF input pin must be AC-coupled. No DC external bias should be applied.
Notes:
(1) Median time to failure will degrade above this temperature.
PARAMETER
MIN
TYP
MAX
UNIT
RF Input / Output Frequency
50
-
1000
MHz
Supply Voltage (VDD)
+4
+8
+9
VDC
Case Temperature
-40
-
+85 (1)
°C
PARAMETER
MIN
MAX
UNIT
Supply
(S3 package: pin 14)
(S24 package: pin 3)
0+12
VDC
RF Power at Input (1)
(S3 package: pin 6)
(S24 package: pin 1)
-+59
dBmV
Storage Temperature-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com