Electronic Components Datasheet Search
  English  ▼

X  

ADA10000 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ADA10000
Description  1 GHz CATV Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ADA10000 Datasheet HTML 4Page - ANADIGICS, Inc ADA10000 Datasheet HTML 5Page - ANADIGICS, Inc ADA10000 Datasheet HTML 6Page - ANADIGICS, Inc ADA10000 Datasheet HTML 7Page - ANADIGICS, Inc ADA10000 Datasheet HTML 8Page - ANADIGICS, Inc ADA10000 Datasheet HTML 9Page - ANADIGICS, Inc ADA10000 Datasheet HTML 10Page - ANADIGICS, Inc ADA10000 Datasheet HTML 11Page - ANADIGICS, Inc ADA10000 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Data Sheet - Rev 2.7
04/2012
ADA10000
Figure 12: Gain vs. Frequency and Voltage
S24 (SOT-89) Package Device
(TA = +25 8C; 75 V systems)
Figure 13: Noise Figure vs. Voltage
S24 (SOT-89) Package Device
(TA = +25 8C; 75 V systems)
Figure 14: Input Return loss vs.
Frequency - S24 Package Device
(TA = +25 8C; VDD = +8 V; 75 V systems)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
Figure 15: Output Return loss vs.
Frequency - S24 Package Device
(TA = +25 8C; VDD = +8 V; 75 V systems)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
100 0
Frequency (MHz)
Figure 16: IIP2 and IIP3 vs.
Supply Voltage - S24 Package Device
(TA = +25 8C; 75 V systems)
Notes:
(1) IIP2 measure at 986.5 MHz; Input = two tones at 55.25 MHz and 931.25
MHz at +39 dBmV.
(2) IIP3 measured with two tones at the input: 986.5 MHz and 992.5 MHz at
+39 dBmV.
Figure 17: Output Power vs.
Input Power - S24 Package Device
(TA = +25 8C; VDD = +8 V; f = 500 MHZ; 75 V
systems)
S24 (SOT-89) PaCKaGE PERFORMaNCE PERFORMaNCE DaTa:
11.00
12.00
13.00
14.00
15.00
16.00
17.00
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
Figure x: Gain vs Frequency and Voltage
S24 (SOT-89) Packaged Device
( TA = +25oC, 75 ohm system )
5V
6V
7V
8V
9V
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
0
100
200
300
400
500
600
700
800
900
1000
Frequency(MHz)
Figure x: Noise Figure vs Frequency and Voltage
S24 (SOT-89) Packaged Device
( TA = +25oC, 75 ohm system )
5V
6V
7V
8V
9V
54
59
64
69
74
79
84
89
456789
SupplyVoltage (V)
IIP2
IIP3
63
65
67
69
71
73
75
59
61
InputPower (dBmV)
49
51
53
55
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com