Electronic Components Datasheet Search
  English  ▼

X  

ADA10000 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ADA10000
Description  1 GHz CATV Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ADA10000 Datasheet HTML 1Page - ANADIGICS, Inc ADA10000 Datasheet HTML 2Page - ANADIGICS, Inc ADA10000 Datasheet HTML 3Page - ANADIGICS, Inc ADA10000 Datasheet HTML 4Page - ANADIGICS, Inc ADA10000 Datasheet HTML 5Page - ANADIGICS, Inc ADA10000 Datasheet HTML 6Page - ANADIGICS, Inc ADA10000 Datasheet HTML 7Page - ANADIGICS, Inc ADA10000 Datasheet HTML 8Page - ANADIGICS, Inc ADA10000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
04/2012
ADA10000
1 GHz CATV Amplifier
Data Sheet - Rev 2.7
S3 Package
Modified 16 Pin SOIC
Figure 1: Block Diagram
FEATURES
• 15 dB Gain
• Wide Bandwidth: 50 MHz to 1 GHz
• High Linearity : +64 dBmV IIP3 (+8 V supply)
• Low Distortion
• Low Noise Figure: 2.0 dB
• Single +4 V to +6 V Supply
• SOIC-16 and SOT-89 Package Options
• RoHS Compliant Package
PRODUCT DESCIPTION
The ADA10000 is a monolithic IC intended for use in
applications requiring high linearity, such as Cellular
Telephone Base Station Driver Amplifiers, CATV Fiber
Receiver and Distribution Amplifiers, and CATV Drop
Amplifiers. Offered in both a modified 16 lead SOIC
package and SOT-89 package, it is well suited for use
in amplifiers where small size, reduced component
count, and high reliability are important.
S24 Package
SOT-89
RF Output
/Bias
RF Input
APPlICaTIONS
• CATV Drop Amplifier
• Low noise amplifier for CATV Set-Top Boxes
• Home gateways
• Post Amp for RF overlay in FTTH/RFOG ONUs


Similar Part No. - ADA10000

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
Linear Amplifier MMIC Data Sheet - Rev 2.3
Rev. 2.3
ADA10000S24Q1 ANADIGICS-ADA10000S24Q1 Datasheet
259Kb / 12P
Linear Amplifier MMIC Data Sheet - Rev 2.3
Rev. 2.3
ADA10000S3C ANADIGICS-ADA10000S3C Datasheet
213Kb / 4P
Linear Amplifier MMIC
Rev 1
ADA10000S3C ANADIGICS-ADA10000S3C Datasheet
259Kb / 12P
Linear Amplifier MMIC Data Sheet - Rev 2.3
Rev. 2.3
ADA10000S3CTR ANADIGICS-ADA10000S3CTR Datasheet
259Kb / 12P
Linear Amplifier MMIC Data Sheet - Rev 2.3
Rev. 2.3
More results

Similar Description - ADA10000

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7894 NEC-MC-7894 Datasheet
53Kb / 6P
1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206 Datasheet
349Kb / 16P
1 GHz CATV Line Amplifier
Rev 1.0
logo
California Eastern Labs
MC-7894 CEL-MC-7894 Datasheet
267Kb / 5P
1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7893 CEL-MC-7893_06 Datasheet
282Kb / 7P
1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
1 GHz CATV Line Amplifier MMIC
Rev 2.1
ACA1206 ANADIGICS-ACA1206_12 Datasheet
1Mb / 20P
1 GHz CATV Line Amplifier
Rev 1.5
logo
California Eastern Labs
MC-7896 CEL-MC-7896 Datasheet
153Kb / 5P
1 GHz CATV 27 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA0862-B SKYWORKS-ACA0862-B Datasheet
816Kb / 14P
1 GHz CATV Line Amplifier MMIC
ACA0862B SKYWORKS-ACA0862B Datasheet
1Mb / 14P
1 GHz CATV Line Amplifier MMIC
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
1 GHz CATV Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com