Electronic Components Datasheet Search
  English  ▼

X  

ADA10000 Datasheet(PDF) 17 Page - ANADIGICS, Inc

Part # ADA10000
Description  1 GHz CATV Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000 Datasheet(HTML) 17 Page - ANADIGICS, Inc

Back Button ADA10000 Datasheet HTML 12Page - ANADIGICS, Inc ADA10000 Datasheet HTML 13Page - ANADIGICS, Inc ADA10000 Datasheet HTML 14Page - ANADIGICS, Inc ADA10000 Datasheet HTML 15Page - ANADIGICS, Inc ADA10000 Datasheet HTML 16Page - ANADIGICS, Inc ADA10000 Datasheet HTML 17Page - ANADIGICS, Inc ADA10000 Datasheet HTML 18Page - ANADIGICS, Inc ADA10000 Datasheet HTML 19Page - ANADIGICS, Inc ADA10000 Datasheet HTML 20Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Data Sheet - Rev 2.7
04/2012
ADA10000
Figure 49: low Frequency applications
(See Figure 20)
Input Return loss vs. Frequency - S24
Package (TA = +258 C; VDD = +8 V; 75 V
system)
Figure 50: low Frequency applications
(See Figure 20)
Gain vs. Frequency - S24 Package
(TA = +258 C; VDD = +8 V; 75 V system)
Figure 51: low Frequency applications
(See Figure 20)
Reverse Isolation vs. Frequency - S24 Package
(TA = +258 C; VDD = +8 V; 75 V system)
Figure 52: low Frequency applications
(See Figure 20)
Output Return loss vs. Frequency - S24
Package
(TA = +258 C; VDD = +8 V; 75 V system)
Figure 53: low Frequency applications
(See Figure 20)
Noise Figure vs. Frequency - S24 Package
(TA = +25 8C; VDD = +8 V; 75 V system)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
25
50
75
100
125
150
175
200
Frequency (MHz)
Figure xx: low Frequency application (see Fig. 20)
Input Return loss vs. Frequency - S24 Package
(TA = +25oC, VDD = +8V, 75 ohm system)
13
13.5
14
14.5
15
15.5
16
16.5
17
0
25
50
75
100
125
150
175
200
Frequency (MHz)
Figure xx: low Frequency application (see Fig. 20)
Gain vs. Frequency - S24 Package
(TA = +25oC, VDD = +8V, 75 ohm system)
-30
-25
-20
-15
-10
-5
0
0
25
50
75
100
125
150
175
200
225
250
Frequency (MHz)
Figure XX: low Frequency application (see Fig. 20)
Output Return loss vs. Frequency - S24 Package
(TA= +25oC, VDD = +8V, 75 ohm system)
0
1
2
3
4
5
6
7
8
9
10
5
10
15
20
25
30
Frequency (MHz)
Figure xx: low Frequency application (see Fig. 20)
Noise Figure vs. Frequency
(TA = +25oC, VDD = +8V, 75 ohm system)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
25
50
75
100
125
150
175
200
Frequency (MHz)
Figure xx: low Frequencyapplication (seeFig. 20)
Reverse Isolation vs. Frequency- S24 Package
(TA= +25oC, VDD = +8V, 75 ohm system)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com