Electronic Components Datasheet Search
  English  ▼

X  

ADA10000 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ADA10000
Description  1 GHz CATV Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ADA10000 Datasheet HTML 1Page - ANADIGICS, Inc ADA10000 Datasheet HTML 2Page - ANADIGICS, Inc ADA10000 Datasheet HTML 3Page - ANADIGICS, Inc ADA10000 Datasheet HTML 4Page - ANADIGICS, Inc ADA10000 Datasheet HTML 5Page - ANADIGICS, Inc ADA10000 Datasheet HTML 6Page - ANADIGICS, Inc ADA10000 Datasheet HTML 7Page - ANADIGICS, Inc ADA10000 Datasheet HTML 8Page - ANADIGICS, Inc ADA10000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Data Sheet - Rev 2.7
04/2012
ADA10000
Figure 2: Pinout - S3 Package
Table 1: Pin Description - S3 Package
1
2
GND
RFOUT
GND
GND
GND
GND
8
7
6
5
4
3
16
15
9
10
11
12
13
14
RFIN
GND
GND
GND
GND
GND
GND
GND
GND
GND
PIN
NaME
DESCRIPTION
PIN
NaME
DESCRIPTION
1
GND
Ground
16
GND
Ground
2
GND
Ground
15
GND
Ground
3
GND
Ground
14
RFOUT
RF Output / Bias
4
GND
Ground
13
GND
Ground
5
GND
Ground
12
GND
Ground
6
RFIN
RF Input
11
GND
Ground
7
GND
Ground
10
GND
Ground
8
GND
Ground
9
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com