Electronic Components Datasheet Search
  English  ▼

X  

H6849 Datasheet(PDF) 13 Page - Hi-Sincerity Mocroelectronics

Part # H6849
Description  Novel Low Cost Green-Power PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H6849 Datasheet(HTML) 13 Page - Hi-Sincerity Mocroelectronics

Back Button H6849 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 12Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 13Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200804
Issued Date : 2008.09.19
Revised Date : 2009.07.14
Page No. : 13/13
H6849P, H6849S,H6849NF
HSMC Product Specification
U1
H6849
PWM IC SOT-23-6
1
U2
PC817C
DIP-4
1
U3
H431
TO-92 1% KC
1
CX1
0.22UF/275V
X
1
CY1
222/400V
Y
1
F1
2A250V
∮3mm*11MM
1
NTC1
5D-9
NTC PIN:6mm
1
MOV
7D471
MOV PIN:5mm
1
L1
UU9.8
Min:18MH 0.2mm T16*9*7
1
L2
T9*5*3
L 8UH
1
L3
T3*15
15UH
1
Q1
H4N60
4A600V TO-220
1
T1
EF25
T LP=1.5MH ±3%
1
BD1
KBL206
2A/600V
1
D1
FR107
DO-41
1
D2
FR104
DO-41
1
D3
1N4148
SMD
1
D4
MBR10100
10A100V TO-220
1
ZD1
15V
ZD 1W
1
Transformer Structure and Material:
1. Schematic.
N2
N3
N1
Vo
GND
Bais
Drain
B+
SGND
2. Winding Configuration
0.05×2T
N3 (Bias
GND)
D=0.3mm×1P 14TS
Top
0.05×2T
N2 (Vo
SGND)
D=0.4mm×2P 12TS
0.05×2T
E2 (Cu line
GND)
D=15mm×1P1.1TS
0.05×2T
N1 (Drain
B+)
D=0.3mm×1P 80TS
0.05×2T
E1 (GND
No)
D=0.2mm×1P
Bottom
Bobbin: L
CORE:EF25 TDK PC40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com