Electronic Components Datasheet Search
  English  ▼

X  

H6849 Datasheet(PDF) 9 Page - Hi-Sincerity Mocroelectronics

Part # H6849
Description  Novel Low Cost Green-Power PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H6849 Datasheet(HTML) 9 Page - Hi-Sincerity Mocroelectronics

Back Button H6849 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 12Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 13Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200804
Issued Date : 2008.09.19
Revised Date : 2009.07.14
Page No. : 9/13
H6849P, H6849S,H6849NF
HSMC Product Specification
of the VDD is over 26.7V and the voltage of
VDD is to descend rapidly.
Gate Driver & Soft Clamped
H6849’ output designs a totem pole to drive
a periphery power MOSFET. The dead time
is introduced to minimize the transfixion
current when the output is drove. The
NMOS is shut off when the other NMOS is
turned on. The clamp technology is
introduced to protect the periphery power
MOSFET from breaking down.
PACKAGE DEMENSIONS
DIP-8L
Dimensions
Millimeters
Inches
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.334
0.210
A1
0.381
0.015
A2
3.175
3.302
3.429
0.125
0.130
0.135
b
1.524
0.060
b1
0.457
0.018
D
9.017
9.271
10.160
0.355
0.365
0.400
E
7.620
0.300
E1
6.223
6.350
6.477
0.245
0.250
0.255
e
2.540
0.100
L
2.921
3.302
3.810
0.115
0.130
0.150
eB
8.509
9.017
9.525
0.335
0.355
0.375
θ˚
0˚
7˚
15˚
0˚
7˚
15˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com