Electronic Components Datasheet Search
  English  ▼

X  

H6849 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H6849
Description  Novel Low Cost Green-Power PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H6849 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H6849 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200804
Issued Date : 2008.09.19
Revised Date : 2009.07.14
Page No. : 2/13
H6849P, H6849S,H6849NF
HSMC Product Specification
Pin Assignment
Part Number
Description
H6849NF
SOT26, Pb-free,in T/R
H6849S
SOP-8, Pb-free in T/R
H6849P
DIP-8, Pb-free in Tube
Pin Connection (Top View)
Package
Function
Description
SOT-26
DIP-8
Pin6:
GATE Pin1: GATE
Totem-pole output to drive the external power MOSFET
which is internally clamped below 18V
Pin5: VDD Pin2: VDD
Power Supply The internal protection circuit disables
PWM output if VDD is over voltage..
Pin3: NC
NC Pin.
Pin4:
SENSE
Pin4:
SENSE
Current sense pin, a resistor connects to sense the
MOSFET current.
Pin3: RI
Pin5: RI
This pin is to program the switching frequency. By
connecting a resistor to ground to set the switching
frequency.
Pin6: NC
NC Pin
Pin1: FB
Pin7:FB
Voltage feedback pin.Output current of this pin could
controls the PWM duty cycle, If FB voltage exceeds the
threshold; the internal protection circuit disables PWM
output.
3
1
2
4
6
5
SOT-26
12
3
4
5
6
7
8
DIP -8(SOP-8)
Pin1: GND Pin8: GND GND Pin
Block Diagram
Simplified Internal Circuit Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com