Electronic Components Datasheet Search
  English  ▼

X  

H6849 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H6849
Description  Novel Low Cost Green-Power PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H6849 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H6849 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H6849 Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200804
Issued Date : 2008.09.19
Revised Date :
Page No. : 1/13
H6849P, H6849S,H6849NF
HSMC Product Specification
H6849
Series
Novel Low Cost Green-Power PWM Controller
Features
Low Cost, PWM&PFM&CRM
Low Start-up Current (about 10μA)
Low Operating Current (about 2mA)
Current Mode Operation
Under Voltage Lockout (UVLO)
Built-in Synchronized Slope
Compensation
Programmable PWM Frequency
Leading edge Blanking on Sense input
Constant output power limiting for
universal AC input
Cycle-by-cycle current limiting
Clamped gate output voltage 16.5V
Over voltage protect 26.7V
High-Voltage CMOS Process with ESD
SOT-23-6L、SOP-8 & DIP-8 Pb-Free
Packaging
Compatible with SG5701 & SG5848 &
LD7535 &OB2263/2263
Applications
Switching AC/DC Adaptor
Battery Charger
Open Frame Switching Power Supply
384X Replacement
General Description
The H6849 is a highly integrated low cost
current mode PWM controller, which is ideal
for small power current mode of offline
AC-DC fly-back converter applications.
Making use of external resistors, the IC
changes the operating frequency and
automatically enters the PFM/CRM under
light-load/zero-load conditions. This can
minimize standby power consumption and
achieve green-power functions. With a very
low start-up current, the H6849 could use a
large value start-up resistor (1.5Mohm).
Built-in synchronized slope compensation
enhances the stability of the system and
avoids sub-harmonic oscillation. Dynamic
peak limiting circuit minimizes output power
change caused by delay time of the system
over a universal AC input range. Leading
edge blanking circuit on current sense input
could remove the signal glitch due to
snubber circuit diode reverse recovery and
thus
greatly
reduces
the
external
component count and system cost in the
design.
Pulse-by-pulse
current
limiting
ensures
safe
operation
even
during
short-circuit.
The H6849 offers more protection like OVP
(Over Voltage Protection) and OCP (Over
current protection). The H6849’s output
driver is clamped to maximum 16.5V to
protect the power MOSFET. Excellent EMI
performance is achieved soft switching
control at the totem pole gate driver output.
H6849 is offered in SOT-23-6, SOP-8 and
DIP-8 packages.


Similar Part No. - H6849

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H6842 HSMC-H6842 Datasheet
265Kb / 6P
Novel Low Cost Green-Power PWM Controller
More results

Similar Description - H6849

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Hi-Sincerity Mocroelect...
H6842 HSMC-H6842 Datasheet
265Kb / 6P
Novel Low Cost Green-Power PWM Controller
H6850 HSMC-H6850 Datasheet
419Kb / 13P
Novel Low Cost Green-Power PWM Controller
logo
Unisonic Technologies
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863 UTC-UC3863_17 Datasheet
262Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
logo
List of Unclassifed Man...
CR6853 ETC1-CR6853 Datasheet
166Kb / 11P
Novel Low Cost Green-Power PWM Controller With Low EMI Technique
BIT3251 ETC-BIT3251 Datasheet
154Kb / 7P
Low Cost PWM Controller
Version: A0 2006/7/7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com