Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 1 Page - Analog Devices

  AD7304 Datasheet HTML 1Page - Analog Devices AD7304 Datasheet HTML 2Page - Analog Devices AD7304 Datasheet HTML 3Page - Analog Devices AD7304 Datasheet HTML 4Page - Analog Devices AD7304 Datasheet HTML 5Page - Analog Devices AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7304/AD7305*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
FUNCTIONAL BLOCK DIAGRAMS
PWR ON
RESET
VSS
AD7304
VOUTA
VOUTB
INPUT
REG A
DAC A
CS
LDAC
SDI/SHDN
GND
CLK
8
8
8
8
DAC A
REG
DAC B
DAC B
REG
INPUT
REG B
8
INPUT
REG C
8
8
8
8
DAC C
REG
DAC D
DAC D
REG
INPUT
REG D
DAC C
SERIAL
REG
VREFB VREFA
VOUTC
VOUTD
CLR
VREFCVREFD
VDD
PWR ON
RESET
VSS
VOUTA
VOUTB
INPUT
REG A
DAC A
WR
LDAC
A0/SHDN
GND
A1
8
8
8
8
DAC A
REG
DAC B
DAC B
REG
8
8
8
8
8
DAC C
REG
DAC D
DAC D
REG
DAC C
VREF
VOUTC
VOUTD
VDD
INPUT
REG B
INPUT
REG C
INPUT
REG D
DECODE
DB0
DB1
DB2
DB3
DB4
DB5
DB6
AD7305
FEATURES
Four 8-Bit DACs in One Package
+3 V, +5 V and
5 V Operation
Rail-to-Rail REF-Input to Voltage Output Swing
2.6 MHz Reference Multiplying Bandwidth
Compact 1.1 mm Height TSSOP 16-/20-Lead Package
Internal Power ON Reset
SPI Serial Interface Compatible—AD7304
Fast Parallel Interface—AD7305
40
A Power Shutdown
APPLICATIONS
Automotive Output Span Voltage
Instrumentation, Digitally Controlled Calibration
Pin-Compatible AD7226 Replacement when VDD < 5.5 V
GENERAL DESCRIPTION
The AD7304/AD7305 are quad, 8-bit DACs that operate from a
single +3 V to +5 V supply or
±5 V supplies. The AD7304 has a
serial interface, while the AD7305 has a parallel interface. Inter-
nal precision buffers swing rail-to-rail. The reference input range
includes both supply rails allowing for positive or negative full-
scale output voltages. Operation is guaranteed over the supply
voltage range of +2.7 V to +5.5 V, consuming less than 9 mW
from a +3 V supply.
The full-scale voltage output is determined by the external refer-
ence input voltage applied. The rail-to-rail VREF input to DAC
VOUT allows for a full-scale voltage set equal the positive supply
VDD, the negative supply VSS or any value in between.
The AD7304’s doubled-buffered serial-data interface offers high
speed, three-wire, SPI and microcontroller compatible inputs
using data in (SDI), clock (CLK) and chip select (CS) pins.
Additionally, an internal power-on reset sets the output to zero
scale.
The parallel input AD7305 uses a standard address decode
along with the WR control line to load data into the input regis-
ters. The double buffered architecture allows all four input
registers to be preloaded with new values, followed by a LDAC
control strobe which copies all the new data into the DAC regis-
ters thereby updating the analog output values. When operating
from less than +5.5 V, the AD7305 is pin-compatible with the
popular industry standard AD7226.
An internal power ON reset places both parts in the zero-scale
state at turn ON. A 40
µA power shutdown (SHDN) feature is
activated on both parts by tristating the SDI/SHDN pin on the
AD7304, and tristating the A0/SHDN address pin on the
AD7305.
The AD7304/AD7305 are specified over the extended industrial
(–40
°C to +85°C), and the automotive (–40°C to +125°C)
temperature ranges. AD7304s are available in 16-lead plastic
DIP (N-16), and wide-body SOL-16 (R-16) packages. The
parallel input AD7305 is available in the 20-lead plastic DIP
(N-20), and the SOL-20 (R-20) surface mount package. For
ultracompact applications the thin 1.1 mm TSSOP-16 (RU-16)
package will be available for the AD7304, while the TSSOP-20
(RU-20) will house the AD7305.
*Protected under Patent Number 5684481.
+3 V/+5 V, Rail-to-Rail
Quad, 8-Bit DAC


Similar Part No. - AD7304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
11/03-Data Sheet changed from REV. B to REV. C.
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
logo
Analog Devices
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com