Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices AD7304 Datasheet HTML 10Page - Analog Devices AD7304 Datasheet HTML 11Page - Analog Devices AD7304 Datasheet HTML 12Page - Analog Devices AD7304 Datasheet HTML 13Page - Analog Devices AD7304 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD7304/AD7305
–10–
REV. A
DIGITAL INPUT VOLTAGE – Volts
12
10
0
05
1
234
8
6
4
2
VDD = +5V
VSS = –5V
VREF = 2.5V
A0 = 5V
ALL OTHER DIGITAL
PINS VARYING
IDD
ISS
Figure 24. Supply Current vs. Digital Input Voltage
DIGITAL INPUT VOLTAGE – Volts
10.0000
1.0000
0.0001
05
1
234
0.1000
0.0100
0.0010
VDD = +5V
VSS = –5V
VREF = 2.5V
ALL DIGITAL PINS VARY,
EXCEPT A0 = 5V
IDD
ISS
Figure 25. Shutdown Supply Current vs. Digital Input
Voltage (A0 Only)
TEMPERATURE – C
5.0
4.4
2.0
–55
125
–35
–15
5
25456585
105
3.8
3.2
2.6
VDD = +5V
VSS = –5V
VREF = 2.5V
IDD AND ISS
Figure 26. Supply Current vs. Temperature
TEMPERATURE – C
80
20
–55
125
–35
–15
5
25456585
105
70
60
50
40
30
VDD = +5.5V
VSS = –5.5V
VREF = 2.5V
PIN A0 FLOATING
Figure 27. Shutdown Supply Current vs. Temperature
DEGREES CELCIUS
0.08
–0.04
084
168
252
336
420
504
0.04
0
–0.08
READING MADE AT TA = +25 C
SAMPLE SIZE = 924 UNITS
VDD = 2.7V
VDD = 5.5V
Figure 28. Normalized TUE Drift Accelerated by Burn-In
Hours of Operation @ 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com