Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices AD7304 Datasheet HTML 10Page - Analog Devices AD7304 Datasheet HTML 11Page - Analog Devices AD7304 Datasheet HTML 12Page - Analog Devices AD7304 Datasheet HTML 13Page - Analog Devices AD7304 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD7304/AD7305
–12–
REV. A
AD7304
INPUT
REGISTER
R
DAC A
OE
DAC A
REGISTER
R
INPUT
REGISTER
R
DAC B
OE
DAC C
REGISTER
R
DAC B
REGISTER
R
INPUT
REGISTER
R
DAC C
OE
DAC D
REGISTER
R
DACA
B
C
D
2:4
DECODE
A0
A1
SDC
SAC
D0
D1
D2
D3
D4
D5
D6
D7
8
EN
320k
280k
80k
640k
680k
VDD
LDAC
VSS
VOUTC
CS
SDI
VOUTB
VOUTA
VDD
DQ
g
DQ
g
DQ
g
DQ
g
INPUT
REGISTER
R
POWER-
ON
RESET
VREFAVREFBVREFCVREFD
VOUTD
CLR
GND
CLK
DAC D
OE
Figure 31. AD7304 Equivalent Logic Interface
AD7304 Hardware Shutdown SHDN
If a three-state driver is used on the SDI/SHDN pin, the AD7304
can be placed into a power shutdown mode when the SDI/
SHDN pin is placed in a high impedance state. For proper
operation no other termination voltages should be present on
this pin. An internal window comparator will detect when the
logic voltage on the SHDN pin is between 28% and 36% of
VDD. A high impedance internal bias generator provides this
voltage on the SHDN pin. The four DAC output voltages be-
come high impedance with a nominal resistance of 120 k
Ω to
ground. See Figure 30 for an equivalent circuit.
AD7304/AD7305 POWER ON RESET
When the VDD power supply is turned on, an internal reset
strobe forces all the Input and DAC registers to the zero-code
state. The VDD power supply should have a monotonically in-
creasing ramp in order to have consistent results, especially in
the region of VDD = 1.5 V to 2.3 V. The VSS supply has no effect
on the power ON reset performance. The DAC register data
will stay at zero until a valid serial register software load takes
place. In the case of the double buffered AD7305 the output
DAC register can only be changed once the LDAC strobe is
initiated.
AD7305 PARALLEL DATA INTERFACE
The AD7305 has an 8-bit parallel interface DB7 = MSB,
DB0 = LSB. Two address Bits A1 and A0 are decoded when an
active low write strobe is placed on the WR pin, see Table III.
The WR is a level-sensitive input pin, therefore the data setup
and data hold times defined in the TIMING SPECIFICATIONS
need to be adhered to.
The LDAC pin provides the capability of simultaneously updat-
ing all DAC registers with new data from the Input Registers at
the same time. This will result in the analog outputs all chang-
ing to their new values at the same time. The LDAC pin is a
level-sensitive input. If the simultaneous update feature is not
required the LDAC pin can be tied to logic low. When the
LDAC is tied to logic low, the DAC Registers become transpar-
ent and the Input Register data determines the DAC output
voltage. See Figure 32 for an equivalent interface logic diagram.
AD7226 Pin Compatibility
By tying the LDAC pin to ground, the AD7305 has the same
pin out and functionality as the AD7226, with the exception of
a lower power supply operating voltage.
AD7305 Hardware Shutdown SHDN
If a three state driver is used on the A0/SHDN pin, the AD7305
can be placed into a power shutdown mode when the A0/SHDN
pin is placed in a high impedance state. For proper operation no
other termination voltages should be present on this pin. An
internal window comparator will detect when the logic voltage
on the SHDN pin is between 28% and 36% of VDD. A high
impedance internal bias generator provides this voltage on the
SHDN pin. The four DAC output voltages become high imped-
ance with a nominal resistance of 120 k
Ω to ground.
ESD Protection Circuits
All logic input pins contain back-biased ESD protection Zeners
connected to ground (GND). The VREF pins also contain a
back-biased ESD protection Zener connected to VDD (see
Figure 33).
GND
DIGITAL
INPUTS
VDD
VREFX
Figure 33. Equivalent ESD Protection Circuits
AD7305
INPUT
REGISTER
R
DAC A
OE
DAC A
REGISTER
R
INPUT
REGISTER
R
DAC B
OE
DAC C
REGISTER
R
DAC B
REGISTER
R
INPUT
REGISTER
R
DAC C
OE
DAC D
REGISTER
R
DAC A
B
C
D
2:4
DECODE
8
320k
280k
80k
640k
680k
VDD
LDAC
VSS
VOUTC
WR
VOUTB
VOUTA
VDD
INPUT
REGISTER
R
POWER-
ON
RESET
VREF
VOUTD
GND
DATA
DB0–DB7
DAC D
OE
A1
A0/SHDN
Figure 32. AD7305 Equivalent Logic Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com